Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS87993AYIT Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS87993AYIT
Description  1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL PLL CLOCK DRIVER W/DYNAMIC CLOCK SWITCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS87993AYIT Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS87993AYIT Datasheet HTML 1Page - Integrated Circuit Systems ICS87993AYIT Datasheet HTML 2Page - Integrated Circuit Systems ICS87993AYIT Datasheet HTML 3Page - Integrated Circuit Systems ICS87993AYIT Datasheet HTML 4Page - Integrated Circuit Systems ICS87993AYIT Datasheet HTML 5Page - Integrated Circuit Systems ICS87993AYIT Datasheet HTML 6Page - Integrated Circuit Systems ICS87993AYIT Datasheet HTML 7Page - Integrated Circuit Systems ICS87993AYIT Datasheet HTML 8Page - Integrated Circuit Systems ICS87993AYIT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
87993AYI
www.icst.com/products/hiperclocks.html
REV. B May 21, 2003
2
Integrated
Circuit
Systems, Inc.
ICS87993I
1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL
PLL CLOCK DRIVER W/DYNAMIC CLOCK SWITCH
TABLE 1. PIN DESCRIPTIONS
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
1R
M
nt
u
p
n
Ip
u
ll
u
P
e
r
a
s
r
e
d
i
v
i
d
l
a
n
r
e
t
n
i
e
h
t
,
W
O
L
c
i
g
o
l
n
e
h
W
.
t
e
s
e
R
r
e
t
s
a
M
W
O
L
e
v
i
t
c
A
s
t
u
p
t
u
o
d
e
t
r
e
v
n
i
e
h
t
d
n
a
w
o
l
o
g
o
t
x
Q
s
t
u
p
t
u
o
e
u
r
t
e
h
t
g
n
i
s
u
a
c
t
e
s
e
r
s
t
u
p
t
u
o
e
h
t
d
n
a
s
r
e
d
i
v
i
d
l
a
n
r
e
t
n
i
e
h
t
,
H
G
I
H
c
i
g
o
l
n
e
h
W
.
h
g
i
h
o
g
o
t
x
Q
n
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
d
e
l
b
a
n
e
e
r
a
2T
E
S
E
R
_
M
R
A
L
A
nt
u
p
n
Ip
u
ll
u
P
D
E
T
C
E
L
E
S
_
K
L
C
s
n
g
il
a
d
n
a
s
g
a
l
f
d
a
b
t
u
p
n
i
e
h
t
s
t
e
s
e
r
,
W
O
L
n
e
h
W
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
K
L
C
_
L
E
S
h
t
i
w
30
K
L
Ct
u
p
n
In
w
o
d
ll
u
P.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
i
-
n
o
N
40
K
L
C
nt
u
p
n
Ip
u
ll
u
P.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
I
5K
L
C
_
L
E
St
u
p
n
In
w
o
d
ll
u
P
n
e
h
W
.
s
t
u
p
n
i
0
K
L
C
n
,
0
K
L
C
s
t
c
e
l
e
s
,
W
O
L
n
e
h
W
.
t
u
p
n
i
t
c
e
l
e
s
k
c
o
l
C
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
t
u
p
n
i
1
K
L
C
n
,
1
K
L
C
s
t
c
e
l
e
s
,
H
G
I
H
61
K
L
Ct
u
p
n
In
w
o
d
ll
u
P.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
i
-
n
o
N
71
K
L
C
nt
u
p
n
Ip
u
ll
u
P.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
I
2
1
,
9
,
8V
E
E
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
e
v
i
t
a
g
e
N
0
1B
F
_
T
X
Et
u
p
n
In
w
o
d
ll
u
P.
k
c
a
b
d
e
e
f
l
a
n
r
e
t
x
e
l
a
i
t
n
e
r
e
f
f
i
D
1
1B
F
_
T
X
E
nt
u
p
n
Ip
u
ll
u
P.
k
c
a
b
d
e
e
f
l
a
n
r
e
t
x
e
l
a
i
t
n
e
r
e
f
f
i
D
3
1D
E
T
C
E
L
E
S
_
K
L
Ct
u
p
t
u
O
1
K
L
C
n
,
1
K
L
C
n
e
h
w
,
H
G
I
H
,
d
e
t
c
e
l
e
s
s
i
0
K
L
C
n
,
0
K
L
C
n
e
h
w
,
W
O
L
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
d
e
t
c
e
l
e
s
s
i
4
1D
A
B
1
P
N
It
u
p
t
u
O
e
h
t
o
t
t
c
e
p
s
e
r
h
t
i
w
1
k
c
o
l
c
e
c
n
e
r
e
f
e
r
t
u
p
n
i
d
a
b
a
f
o
n
o
i
t
c
e
t
e
d
s
e
t
a
c
i
d
n
I
li
t
n
u
H
G
I
H
n
i
a
m
e
r
ll
i
w
d
n
a
H
G
I
H
e
v
i
t
c
a
s
i
t
u
p
t
u
o
e
h
T
.
l
a
n
g
i
s
k
c
a
b
d
e
e
f
.
d
e
t
r
e
s
s
a
s
i
t
e
s
e
r
m
r
a
l
a
e
h
t
5
1D
A
B
0
P
N
It
u
p
t
u
O
e
h
t
o
t
t
c
e
p
s
e
r
h
t
i
w
0
k
c
o
l
c
e
c
n
e
r
e
f
e
r
t
u
p
n
i
d
a
b
a
f
o
n
o
i
t
c
e
t
e
d
s
e
t
a
c
i
d
n
I
li
t
n
u
H
G
I
H
n
i
a
m
e
r
ll
i
w
d
n
a
H
G
I
H
e
v
i
t
c
a
s
i
t
u
p
t
u
o
e
h
T
.
l
a
n
g
i
s
k
c
a
b
d
e
e
f
.
d
e
t
r
e
s
s
a
s
i
t
e
s
e
r
m
r
a
l
a
e
h
t
,
7
1
,
6
1
9
2
,
4
2
V
C
C
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
e
r
o
C
9
1
,
8
12
B
Q
,
2
B
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
1
2
,
0
21
B
Q
,
1
B
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
3
2
,
2
20
B
Q
,
0
B
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
6
2
,
5
21
A
Q
,
1
A
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
8
2
,
7
20
A
Q
,
0
A
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
0
3V
A
C
C
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
g
o
l
a
n
A
1
3E
D
I
R
R
E
V
O
_
N
A
Mt
u
p
n
In
w
o
d
ll
u
P
.
y
r
t
i
u
c
r
i
c
h
c
t
i
w
s
k
c
o
l
c
l
a
n
r
e
t
n
i
s
e
l
b
a
s
i
d
,
H
G
I
H
n
e
h
W
.
e
d
i
r
r
e
v
o
l
a
u
n
a
M
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
2
3L
E
S
_
L
L
Pt
u
p
n
Ip
u
ll
u
P
e
h
t
o
t
t
u
p
n
i
e
h
t
s
a
k
c
o
l
c
e
c
n
e
r
e
f
e
r
d
n
a
L
L
P
e
h
t
n
e
e
w
t
e
b
s
t
c
e
l
e
S
.
L
L
P
s
t
c
e
l
e
s
,
H
G
I
H
n
e
h
W
.
k
c
o
l
c
e
c
n
e
r
e
f
e
r
s
t
c
e
l
e
s
,
W
O
L
n
e
h
W
.
s
r
e
d
i
v
i
d
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
:
E
T
O
N
p
u
ll
u
P
d
n
a
n
w
o
d
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
r
e
f
e
r
TABLE 2. PIN CHARACTERISTICS
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5K
Ω
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com