Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS87993AYIT Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS87993AYIT
Description  1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL PLL CLOCK DRIVER W/DYNAMIC CLOCK SWITCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS87993AYIT Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS87993AYIT Datasheet HTML 5Page - Integrated Circuit Systems ICS87993AYIT Datasheet HTML 6Page - Integrated Circuit Systems ICS87993AYIT Datasheet HTML 7Page - Integrated Circuit Systems ICS87993AYIT Datasheet HTML 8Page - Integrated Circuit Systems ICS87993AYIT Datasheet HTML 9Page - Integrated Circuit Systems ICS87993AYIT Datasheet HTML 10Page - Integrated Circuit Systems ICS87993AYIT Datasheet HTML 11Page - Integrated Circuit Systems ICS87993AYIT Datasheet HTML 12Page - Integrated Circuit Systems ICS87993AYIT Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
87993AYI
www.icst.com/products/hiperclocks.html
REV. B May 21, 2003
9
Integrated
Circuit
Systems, Inc.
ICS87993I
1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL
PLL CLOCK DRIVER W/DYNAMIC CLOCK SWITCH
SCHEMATIC EXAMPLE
Figure 5A shows a schematic example of the ICS87993I. In this
example, the CLK0/nCLK0 input is selected as primary. The in-
put is driven by an LVPECL driver. Feedback can be either from
Bank A or Bank B depending on the application. The decoupling
capacitors should be physically located near the power pin.
For ICS87993I, the unused outputs can be left floating.
FIGURE 5A. ICS87993I LVPECL SCHEMATIC EXAMPLE
Zo = 50 Ohm
C3
0.1uF
R3
50
U1
ICS87993I
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
nMR
nALM_RS
CLK0
nCLK0
CLK_SEL
CLK1
nCLK1
VEE
VCC
nQB2
QB2
nQB1
QB1
nQB0
QB0
VCC
R13
50
C1
0.1uF
VCC
R16
1K
R6
50
R10
50
(U1-29)
C11
0.01u
VCC
VCC
R1
50
+
-
Zo = 50
LVCMOS
Zo = 50
CLK_SEL
R11
50
VCC
C7 (Option)
0.1u
Zo = 50 Ohm
VCC
C5 (Option)
0.1u
C2
0.1uF
Zo = 50 Ohm
Zo = 50 Ohm
VCC
R9
50
C8 (Option)
0.1u
LVPECL Driv er
R2
50
VCC
(U1-24)
R12
50
(U1-17)
(U1-16)
C4
0.1uF
C6 (Option)
0.1u
LVCMOS
R5
50
LVCMOS
R7
10
LVPECL Driv er
VCCA
LVCMOS
R15
1K
R14
50
R4
50
C16
10u
R2
1K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com