Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS01208MS-SP12-WP-LW100-R Datasheet(PDF) 3 Page - PUI audio inc.

Part # AS01208MS-SP12-WP-LW100-R
Description  High output in one of the smallest form factors for a speaker
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS01208MS-SP12-WP-LW100-R Datasheet(HTML) 3 Page - PUI audio inc.

  AS01208MS-SP12-WP-LW100-R Datasheet HTML 1Page - PUI audio inc. AS01208MS-SP12-WP-LW100-R Datasheet HTML 2Page - PUI audio inc. AS01208MS-SP12-WP-LW100-R Datasheet HTML 3Page - PUI audio inc. AS01208MS-SP12-WP-LW100-R Datasheet HTML 4Page - PUI audio inc. AS01208MS-SP12-WP-LW100-R Datasheet HTML 5Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2019, PUI Audio Inc.
www.puiaudio.com
Reliability Testing
Type of Test
Test Specifications
High Temperature Test
96 hours at +60°C ± 3°C followed by three hours
in normal room temperature
Low Temperature Test
96 hours at -20°C ± 3°C followed by three hours
in normal room temperature
Humidity Test
96 hours at +30°C ± 3°C with relative humidity
between 92% and 95% followed by 3 hours in
normal room temperature
Temperature Cycle Testing
The part shall be subjected to 5 cycles using the
following procedure:
Vibration Test
10 to 55 to 10 Hz sine sweep with 1.5mm
amplitude
2 hours in each axis X, Y, and Z.
Drop Test
Drop the speakers onto a 40mm thick board 10
times from a height of 75cm
Load Test and Max Power Test
White noise is applied at the speakers rated
power for 96 hours at room temperature.
After each test, the speaker’s SPL shall be ±3 dB of the original SPL
Dimensions



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com