Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS01208MS-SP12-WP-LW100-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AS01208MS-SP12-WP-LW100-R
Description  High output in one of the smallest form factors for a speaker
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS01208MS-SP12-WP-LW100-R Datasheet(HTML) 1 Page - PUI audio inc.

  AS01208MS-SP12-WP-LW100-R Datasheet HTML 1Page - PUI audio inc. AS01208MS-SP12-WP-LW100-R Datasheet HTML 2Page - PUI audio inc. AS01208MS-SP12-WP-LW100-R Datasheet HTML 3Page - PUI audio inc. AS01208MS-SP12-WP-LW100-R Datasheet HTML 4Page - PUI audio inc. AS01208MS-SP12-WP-LW100-R Datasheet HTML 5Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2019, PUI Audio Inc.
www.puiaudio.com
Data Sheet
AS01208MS-SP12-WP-LW100-R
PUI Audio’s Mobile Series line of speakers and receivers is designed for cutting-
edge applications such as smart watches. The AS01208MS-SP12-WP-LW100-R
is designed for submersion in water depths greater than 1 meter for 30 minutes
when properly mounted.
Features:
•
High output in one of the smallest form factors for a speaker
•
100mm long UL3302 lead wires for quick implementation
•
IPx8 rated face for waterproof protection when properly mounted
Specifications
Parameters
Values
Units
Rated Input Power (2cc box)
(Free-Air)
0.3
0.1
Watts
Max Input Power (2cc box)
(Free-Air)
0.5
0.2
Watts
Impedance
8 ± 15%
Ohms
Sensitivity (SPL @ 2kHz)
1.55V @ 10cm in 2cc enclosure
0.894V @ 10cm in Free-Air
88±3
83±3
dB
Resonant Frequency (2cc box)
(Free-Air)
1,300 ± 20%
1,200 ± 20%
Hz
Frequency Range (-10 dB)
850 ~ 5,000
Hz
Total Harmonic Distortion (@ 2
kHz, 0.1 W)
<10 %
-
Frame Material
PPA
-
Magnet Material
NdFeB
-
Diaphragm Material
PEEK
-
Weight
1.0
Grams
Ingress Protection Rating
IPX8
-
Buzz, Rattle, etc.
Should not be audible with
1.55V (0.894V free-air) sine
wave from
1.25 to 5 kHz
-
Polarity
When positive voltage is applied
to the positive terminal, the
diaphragm will move outward
-


Similar Part No. - AS01208MS-SP12-WP-LW100-R

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AS01 SANKEN-AS01 Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
AS01 SANKEN-AS01 Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
logo
Purdy Electronics Corpo...
AS01006-390T PURDY-AS01006-390T Datasheet
97Kb / 1P
Right Angle Socket Rotary DIP Switches
logo
PUI audio inc.
AS01008MR-2-R PUIAUDIO-AS01008MR-2-R Datasheet
777Kb / 3P
10mm diameter speaker with Neodymium magnet for 86 dB sensitivity
AS01008MR-3-LW100-R PUIAUDIO-AS01008MR-3-LW100-R Datasheet
286Kb / 1P
Released from Engineering
11/19
More results

Similar Description - AS01208MS-SP12-WP-LW100-R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AV4424 PANASONIC-AV4424 Datasheet
120Kb / 5P
ONE OF THE SMALLEST SNAP-ACTION SWITCHES
logo
STATEK CORPORATION
CXOQ STATEK-CXOQ_10 Datasheet
2Mb / 2P
One of the World?셲 Smallest and Highest Precision Crystal Oscillators
logo
Amphenol Corporation
T8031 AMPHENOL-T8031 Datasheet
54Kb / 2P
One of the smallest in-duct CO2 transmitters on the market
logo
Apacer Technology Inc.
SDM5-7P180D-LP APACER-SDM5-7P180D-LP Datasheet
1Mb / 4P
one of the smallest SSDs in the market
logo
ams AG
LAP47B AMSCO-LAP47B Datasheet
1Mb / 23P
With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.2 2019-07-16
LBP4SG AMSCO-LBP4SG Datasheet
1Mb / 22P
With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.6 2021-10-12
LSP476 AMSCO-LSP476 Datasheet
1Mb / 23P
With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.2 2019-07-15
LTPWSG AMSCO-LTPWSG Datasheet
1Mb / 23P
With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.3 2021-07-15
LWP473 AMSCO-LWP473 Datasheet
1Mb / 25P
With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.6 2023-04-06
LWP4SG AMSCO-LWP4SG Datasheet
2Mb / 26P
With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.3 2022-03-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com