Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS02404PO Datasheet(PDF) 9 Page - PUI audio inc.

Part # AS02404PO
Description  SPEAKERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS02404PO Datasheet(HTML) 9 Page - PUI audio inc.

Back Button AS02404PO Datasheet HTML 5Page - PUI audio inc. AS02404PO Datasheet HTML 6Page - PUI audio inc. AS02404PO Datasheet HTML 7Page - PUI audio inc. AS02404PO Datasheet HTML 8Page - PUI audio inc. AS02404PO Datasheet HTML 9Page - PUI audio inc. AS02404PO Datasheet HTML 10Page - PUI audio inc. AS02404PO Datasheet HTML 11Page - PUI audio inc. AS02404PO Datasheet HTML 12Page - PUI audio inc. AS02404PO Datasheet HTML 13Page - PUI audio inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Defining Operating
Power Level
These new speakers have a maximum power rating of up to 12W. This simply
means that the product of the applied RMS voltage and RMS current PLUS any
steady state DC voltage and current must not exceed 12W per the following
equation:
EXAMPLE 1
Power = (I RMS2 )(RSPEAKER )
IRMS = P ½
R
_
) (V
)
PRMS
=(I
VRMS
=
P
I
RMS
RMS
RMS
RMS
Equation 1
Power Rating Calculation
Total Power (Pt ) ≤ 12 W = (E RMS)(IRMS) + (E DC)(IDC )
Exceeding this operational limit will cause power dissipation in the
voice coil that could result in the coil to mechanically distorting. This
distortion could result in mechanical interference between other
parts of the speaker components: the magnet structure or the frame.
Further, the speaker diaphragm’s peak-to-peak excursion limits could
be violated, resulting in mechanical deformation of the speaker
diaphragm’s suspension, which can be unrecoverable. Perceived
audio distortion may be noted and continued operation outside the
speaker electrical and mechanical limits will typically cause voice coil
destruction.
The maximum continuous RMS current that may be applied to the 4Ω
or 8Ω speaker assemblies may be calculated.
The minimum RMS voltage required to drive the speakers to maximum power output
may be calculated as shown in EXAMPLE 2.
The RMS voltage and current driving the speaker must be calculated from knowledge
of the driving waveform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com