Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS02404PO Datasheet(PDF) 13 Page - PUI audio inc.

Part # AS02404PO
Description  SPEAKERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS02404PO Datasheet(HTML) 13 Page - PUI audio inc.

Back Button AS02404PO Datasheet HTML 8Page - PUI audio inc. AS02404PO Datasheet HTML 9Page - PUI audio inc. AS02404PO Datasheet HTML 10Page - PUI audio inc. AS02404PO Datasheet HTML 11Page - PUI audio inc. AS02404PO Datasheet HTML 12Page - PUI audio inc. AS02404PO Datasheet HTML 13Page - PUI audio inc. AS02404PO Datasheet HTML 14Page - PUI audio inc. AS02404PO Datasheet HTML 15Page - PUI audio inc. AS02404PO Datasheet HTML 16Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
Internally set, non-inverting gain: VOUT/VIN = 50
*R = 2.7 Ω and *C = 0.1 μF may be needed to suppress zero crossing, transient
oscillations.
Bridge-Tied-Load (BTL) Drive Circuits
Ease of design, single 5V supply, an output voltage swing that is twice that achieved
by a single amplifier, and elimination of a coupling capacitor between the amplifier
output and the speaker makes a BTL amplifier one of the best choices to drive
speakers. Internally, this amplifier topology consists of two inverting amplifiers in
operating in series, with the speaker connected between the two outputs.
A typical BTL circuit is shown in Figure 4. This amplifier is able to force a 1W with no
more than 1% THD into an 8Ω speaker load while operating on a single 5V supply
voltage
Figure 4. LM4906 Bridge-Tied Load (BTL) Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com