Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS04008MR-21-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AS04008MR-21-R
Description  Released from Engineering
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS04008MR-21-R Datasheet(HTML) 1 Page - PUI audio inc.

  AS04008MR-21-R Datasheet HTML 1Page - PUI audio inc. AS04008MR-21-R Datasheet HTML 2Page - PUI audio inc. AS04008MR-21-R Datasheet HTML 3Page - PUI audio inc. AS04008MR-21-R Datasheet HTML 4Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2021, PUI Audio Inc.
www.puiaudio.com
Data Sheet
AS04008MR-21-R
Specifications
Parameters
Values
Units
Rated Input Power
1.0
Watts
Max Input Power
1.5
Watts
Impedance
8 ± 15%
Ohms
Output SPL (at 0.7kHz @ 1W/1m
average)
89.0 ± 3
dB
Resonant Frequency (f0)
630 ± 20%
Hz
Frequency Range
fO ~ 6,000
Hz
THD (1kHz, 1.0W Drive)
≤10
%
Diaphragm Material
PET
-
Frame Material
SPCC/Zink Plating
-
Magnet Material
NdFeB
-
Weight
9.6
Grams
Buzz, Rattle, etc.
Must not be audible with fO –
20kHz, 2.83VRMS sine wave
-
Environmental Compliances
ROHS/REACH
-
Polarity
Cone moves forward with
positive dc current applied to
“+” terminal
-
Storage Temperature
-30 ~ +70
°C
Operating Temperature
-20 ~ +60
°C
Measurement Method (Measured with 1.0W, L = 1m, Temperature: 25 ~ 35°C, Relative Humidity: 25%~75%.)


Similar Part No. - AS04008MR-21-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AS04008MR-2-WP PUIAUDIO-AS04008MR-2-WP Datasheet
703Kb / 4P
Datasheet released from Engineering
06/25/2025
AS04008MR-22-WP PUIAUDIO-AS04008MR-22-WP Datasheet
703Kb / 4P
Datasheet released from Engineering
06/25/2025
More results

Similar Description - AS04008MR-21-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT-2428-TWT-R ETC2-AT-2428-TWT-R Datasheet
202Kb / 1P
RELEASED FROM ENGINEERING
logo
Projects Unlimited, Inc...
AI-1223-TWT-5V-2-R PUI-AI-1223-TWT-5V-2-R Datasheet
183Kb / 1P
RELEASED FROM ENGINEERING
AI-1223-TWT-12V-R PUI-AI-1223-TWT-12V-R Datasheet
256Kb / 1P
RELEASED FROM ENGINEERING
AI-2304-TF-LW120-R PUI-AI-2304-TF-LW120-R Datasheet
184Kb / 1P
RELEASED FROM ENGINEERING
AB2720B-LW100-R PUI-AB2720B-LW100-R Datasheet
204Kb / 1P
RELEASED FROM ENGINEERING
AB2734B-LW100-R PUI-AB2734B-LW100-R Datasheet
182Kb / 1P
RELEASED FROM ENGINEERING
AOM-4546P-NF-R PUI-AOM-4546P-NF-R Datasheet
1Mb / 1P
RELEASED FROM ENGINEERING
ASE02808MR-LW150-R PUI-ASE02808MR-LW150-R Datasheet
270Kb / 1P
RELEASED FROM ENGINEERING
AT-1438-TWT-R PUI-AT-1438-TWT-R Datasheet
251Kb / 1P
RELEASED FROM ENGINEERING
AT-1820-TWT-6V-R PUI-AT-1820-TWT-6V-R Datasheet
187Kb / 1P
RELEASED FROM ENGINEERING
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com