Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS04008MR-21-R Datasheet(PDF) 2 Page - PUI audio inc.

Part # AS04008MR-21-R
Description  Released from Engineering
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS04008MR-21-R Datasheet(HTML) 2 Page - PUI audio inc.

  AS04008MR-21-R Datasheet HTML 1Page - PUI audio inc. AS04008MR-21-R Datasheet HTML 2Page - PUI audio inc. AS04008MR-21-R Datasheet HTML 3Page - PUI audio inc. AS04008MR-21-R Datasheet HTML 4Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2021, PUI Audio Inc.
www.puiaudio.com
Typical Frequency Response (Measured with 1W drive, distance = 1m)
Reliability Testing
Type of Test
Test Specifications
High Temperature Test
96 hours at 70±3°C
Low Temperature Test
96 hours at -30±3°C
Humidity Test
96 hours at 40±3°C with relative humidity at 92~95%
Temperature Cycle Testing
Run for 5 cycles with each cycle consisting of:
Vibration Test
Frequency: 10~55~10Hz Oct/min Amplitude: 1.5mm
Duration: 2 hours each of 3 perpendicular directions
Drop Test
Drop the speaker contained in normal box onto the surface of
40mm thick board 10 times from the height of 75cm.
Load Test
Must perform normal with program White-Noise source at Rated
Power for 96 Hours
After each test let rest for 6 hours in standard room temperature, the part shall be within ±3dB.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com