Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-3050-TT-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AT-3050-TT-R
Description  Designed to withstand 100 Vp-p sine wave and 60 V0-p square wave input
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AT-3050-TT-R Datasheet(HTML) 1 Page - PUI audio inc.

  AT-3050-TT-R Datasheet HTML 1Page - PUI audio inc. AT-3050-TT-R Datasheet HTML 2Page - PUI audio inc. AT-3050-TT-R Datasheet HTML 3Page - PUI audio inc. AT-3050-TT-R Datasheet HTML 4Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2020, PUI Audio Inc.
PUI Audio, Inc., 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Data Sheet
AT-3050-TT-R
•
Designed to withstand 100 Vp-p sine wave and 60 V0-p square wave input
•
Able to create more than 90 dBA output at 3 meters
•
4 kHz to 6 kHz bandpass design
Specifications
Parameters
Values
Units
Rated Voltage
18
Vp-p
Rated Voltage Range (Sinewave)
1 ~ 85
Vp-p
Max Instantaneous Volts (Sinewave)
100
Vp-p
Rated Voltage Range (Square wave)
1 ~ 50
V0-p
Max Instantaneous Volts (Square wave)
60
V0-p
Current Draw*
≤80
mA
Minimum SPL @ 10cm/1m/3m*
115/95/90
dBA
Resonant Frequency
5000 ±1000
Hz
Housing Material
PBT + 20% Glass Fiber
-
Weight
3.5
Grams
Acceptable Soldering Methods
Hand Solder, Wave
Solder
See Page 3 for details
Environmental Compliances
RoHS
-
Storage Temperature
-40 ~ +85
°C
Operating Temperature
-40 ~ +85
°C
*At rated voltage
Test Method


Similar Part No. - AT-3050-TT-R

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-30511 HP-AT-30511 Datasheet
101Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-30511 AVAGO-AT-30511 Datasheet
278Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistors
logo
Broadcom Corporation.
AT-30511 BOARDCOM-AT-30511 Datasheet
278Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistors
logo
Agilent(Hewlett-Packard...
AT-30511-BLK HP-AT-30511-BLK Datasheet
101Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-30511-TR1 HP-AT-30511-TR1 Datasheet
101Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
More results

Similar Description - AT-3050-TT-R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
3B42 AD-3B42 Datasheet
357Kb / 8P
Isolated AC Sine Wave Input
logo
Shenzhen Luguang Electr...
FT-12N-65ME LUGUANG-FT-12N-65ME Datasheet
181Kb / 1P
30Vp-p Square Wave MAX.
FT-12T-66ME LUGUANG-FT-12T-66ME Datasheet
155Kb / 1P
30Vp-p Square Wave MAX.
GSK-2320TE-LZ105 LUGUANG-GSK-2320TE-LZ105 Datasheet
96Kb / 1P
30Vp-p max. square Wave
logo
Analog Devices
3B42 AD-3B42_15 Datasheet
357Kb / 8P
Isolated AC Sine Wave Input
REV. 0
3B43 AD-3B43_15 Datasheet
357Kb / 8P
Isolated AC Sine Wave Input
REV. 0
3B44 AD-3B44_15 Datasheet
357Kb / 8P
Isolated AC Sine Wave Input
REV. 0
logo
List of Unclassifed Man...
3003 ETC2-3003 Datasheet
493Kb / 1P
10 MHz Sine/Square Wave Generator
logo
B&K Precision Corporati...
3003 BK-3003 Datasheet
493Kb / 1P
10 MHz Sine/Square Wave Generator
logo
Mallory Sonalert Produc...
SBS300FL MSPI-SBS300FL Datasheet
166Kb / 1P
Rated Voltage (V): 2.8Vp-p Square Wave
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com