Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-3050-TT-R Datasheet(PDF) 2 Page - PUI audio inc.

Part # AT-3050-TT-R
Description  Designed to withstand 100 Vp-p sine wave and 60 V0-p square wave input
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AT-3050-TT-R Datasheet(HTML) 2 Page - PUI audio inc.

  AT-3050-TT-R Datasheet HTML 1Page - PUI audio inc. AT-3050-TT-R Datasheet HTML 2Page - PUI audio inc. AT-3050-TT-R Datasheet HTML 3Page - PUI audio inc. AT-3050-TT-R Datasheet HTML 4Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2020, PUI Audio Inc.
PUI Audio, Inc., 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Typical Frequency Response (18 Vp-p sine-sweep with mic spaced at 3m)
Reliability Testing
Type of Test
Test Specifications
High Temperature Test
+85±2℃, 96 Hours
Low Temperature Test
-40±2℃, 96 Hours
Humidity Test
40±2℃ ,93(+2/-3) % RH for 96Hrs
Temperature Cycle Testing
-40±2℃, 30minutes
+20±2℃, 15 minutes
+85±2℃, 30 minutes
+20±2℃, 15 minutes
Total of 5 cycles
Vibration Test
10 to 55 Hz band of vibration frequency to
each of 3 perpendicular directions for 2 hrs.
Drop Test
The part shall be dropped from the height of
70cm onto a 10mm thick wooden board; 3
times per axial direction (x, y &z) a total of 9
times.
After 4 hours at room temperature, the product shall meet specifications. SPL should be within
±10dB compared with initial value.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com