Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD-EM0803-LW20-R Datasheet(PDF) 3 Page - PUI audio inc.

Part # HD-EM0803-LW20-R
Description  Convenient 20mm lead wires for simple electrical connection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

HD-EM0803-LW20-R Datasheet(HTML) 3 Page - PUI audio inc.

  HD-EM0803-LW20-R Datasheet HTML 1Page - PUI audio inc. HD-EM0803-LW20-R Datasheet HTML 2Page - PUI audio inc. HD-EM0803-LW20-R Datasheet HTML 3Page - PUI audio inc. HD-EM0803-LW20-R Datasheet HTML 4Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2021, PUI Audio Inc.
www.puiaudio.com
Reliability Testing
Type of Test
Test Specifications
High Temperature Test
96 hours at 80°C
Low Temperature Test
96 hours at -40°C
H2S Corrosion Resistance Test
Concentration: 3 ±1 PPM
Test Environment: 40°C, humidity 80% RH
Test Duration Time: 240 hours
Temperature Cycle Testing
Temperature: -40°C to +85°C
Test Duration: 30 minutes
Test Cycles: 15 cycles
Vibration Test
3mm deflection at 1000 cycles per minute, for 10
minutes in each axis (X, Y, Z).
Drop Test
Weight: 150g (including motor)
Drop Height: 150cm
Floor Material: Steel
Direction: ±X, ±Y, ±Z; total 6 faces
Number of Times: Each face 3 Times
Load Test
60,000 operating cycles in room temperature
Cycle test condition: 2 seconds on, 2 seconds off
Acceleration, resistance, rated current and noise must meet specifications after allowing the
device to rest for 4 hours after test.
Dimensions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com