Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD-EM0803-LW20-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # HD-EM0803-LW20-R
Description  Convenient 20mm lead wires for simple electrical connection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

HD-EM0803-LW20-R Datasheet(HTML) 1 Page - PUI audio inc.

  HD-EM0803-LW20-R Datasheet HTML 1Page - PUI audio inc. HD-EM0803-LW20-R Datasheet HTML 2Page - PUI audio inc. HD-EM0803-LW20-R Datasheet HTML 3Page - PUI audio inc. HD-EM0803-LW20-R Datasheet HTML 4Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2021, PUI Audio Inc.
www.puiaudio.com
Data Sheet
HD-EM0803-LW20-R
PUI Audio’s 8mm diameter by 3mm thick HD-EM0803-LW20-R is an eccentric
rotating mass vibration haptic motor. Originally designed for use in
pagers/beepers, this device is great for use in wearables for haptic feedback.
Features:
•
Driven with positive or negative DC for clockwise or counterclockwise movement
•
Convenient 20mm lead wires for simple electrical connection
•
12,000 RPMs with 3 VDC input
Specifications
Parameters
Values
Units
Rated Voltage
3
VDC
Operating Voltage Range
2.4 ~ 3.6
VDC
Terminal Resistance
38 ±50%
Ohms
Rated Speed (at 3 VDC)
12,000 ±3,000
RPMs
Current Draw (at 3 VDC)
80
mA
Stall Current Draw
130
mA
Insulation Resistance
1
MOhms
Acoustic Noise (Max)
50
dBA
Housing Material
SPC
-
Acceptable Soldering Methods
Hand Solder
-
Environmental Compliances
RoHS
-
Weight
1
Grams
Storage Temperature
-40 ~ +85
°C
Operating Temperature
-20 ~ +60
°C


Similar Part No. - HD-EM0803-LW20-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
HD-EM0602-LW15-R PUIAUDIO-HD-EM0602-LW15-R Datasheet
387Kb / 4P
Designed to be driven with 3 VDC
2/24/2023
More results

Similar Description - HD-EM0803-LW20-R

ManufacturerPart #DatasheetDescription
logo
Ensign Corporation
IL002 ENSIGN-IL002 Datasheet
481Kb / 2P
Admiral Class - Lead Wires
IL025 ENSIGN-IL025 Datasheet
614Kb / 3P
Admiral Class - Lead Wires
logo
TDK Electronics
B88069X0410T502 TDK-B88069X0410T502 Datasheet
93Kb / 5P
SSG with lead wires
B88069X0680T502 TDK-B88069X0680T502 Datasheet
69Kb / 4P
SSG with lead wires
logo
Anaren Microwave
1F1304-3S ANAREN-1F1304-3S Datasheet
277Kb / 2P
Convenient Package
11305-20 ANAREN-11305-20 Datasheet
226Kb / 2P
Convenient Package
logo
LIGITEK electronics co....
LMD4411-2AEG-XX LIGITEK-LMD4411-2AEG-XX Datasheet
124Kb / 9P
Electrical Connection
logo
PUI audio inc.
ASE02008MR-LW150-R PUIAUDIO-ASE02008MR-LW150-R Datasheet
615Kb / 3P
20mm square speaker with 150mm lead wires for instant integration
ASE02808MR-LW150-R PUIAUDIO-ASE02808MR-LW150-R Datasheet
875Kb / 3P
28mm square speaker with 150mm lead wires for instant integration
ASE06008MR-LW150-R PUIAUDIO-ASE06008MR-LW150-R Datasheet
508Kb / 3P
60 x 30mm speaker with 150mm lead wires for instant integration
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com