Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD-EMB10-LW25-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # HD-EMB10-LW25-R
Description  Designed to be driven with 3 VDC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

HD-EMB10-LW25-R Datasheet(HTML) 1 Page - PUI audio inc.

  HD-EMB10-LW25-R Datasheet HTML 1Page - PUI audio inc. HD-EMB10-LW25-R Datasheet HTML 2Page - PUI audio inc. HD-EMB10-LW25-R Datasheet HTML 3Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2021, PUI Audio Inc.
www.puiaudio.com
Data Sheet
HD-EMB1005-LW25-R
Features:
•
Designed to be driven with 3 VDC
•
25mm lead wires for easy implementation
•
Generates 17,000 RPMs with no more than 50 dBA acoustic noise
Specifications
Parameters
Values
Units
Rated Voltage
3
VDC
Operating Voltage Range
2.5 ~ 3.7
VDC
Direction of Rotation
CW/CCW
-
Terminal Resistance
43 ± 20%
Ohms
Rated Speed (at 3 VDC)
17,000 ± 3,000
RPMs
Rated Current (at 3 VDC)
50
mA
Locked Current (Max)
90
mA
Shaft Pull Strength
3
Kg
Shaft End Play (Max)
0.3
mm
Mechanical Noise (Max)
50
dBA
Housing Material
SPC
-
Environmental Compliances
RoHS/REACH
-
Weight
0.8
Grams
Storage Temperature
-40 ~ +85
°C
Operating Temperature
-20 ~ +60
°C


Similar Part No. - HD-EMB10-LW25-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
HD-EMB1408-SC PUIAUDIO-HD-EMB1408-SC Datasheet
456Kb / 4P
14.4mm x 8mm cylindrical design
12/13/2024
HD-EMB1606-SC PUIAUDIO-HD-EMB1606-SC Datasheet
456Kb / 4P
14.4mm x 8mm cylindrical design
12/13/2024
More results

Similar Description - HD-EMB10-LW25-R

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
H66T19 MICRO-ELECTRONICS-H66T19 Datasheet
36Kb / 4P
64-Note ROM memory Dynamic speaker can be driven with external NPN transistor
logo
Littelfuse
RLD60 LITTELFUSE-RLD60 Datasheet
152Kb / 2P
These 60V RLDs were designed to be generalpurpose resettable fuses
logo
JMK Inc.
664D JMK-664D Datasheet
267Kb / 1P
The 664D filter is a 3 phase (Delta) filter. This series is designed to be used with military system
logo
M/A-COM Technology Solu...
GAAS_PINDIODECHIPS MA-COM-GAAS_PINDIODECHIPS Datasheet
343Kb / 6P
May be Driven Directly by TTL Signals
logo
Micropac Industries
66212 MICROPAC-66212 Datasheet
52Kb / 2P
Designed to be proton radiation tolerant
logo
Mallory Sonalert Produc...
SC307NDR MSPI-SC307NDR Datasheet
52Kb / 1P
Voltage Rating 3 to 7 VDC
SC307NR MSPI-SC307NR Datasheet
52Kb / 1P
Voltage Rating 3 to 7 VDC
logo
WAGO Kontakttechnik Gmb...
788-384 WAGO-788-384 Datasheet
518Kb / 9P
Relay module with driven contacts; Nominal input voltage: 24 VDC
788-906 WAGO-788-906 Datasheet
481Kb / 9P
Relay module with driven contacts; Nominal input voltage: 24 VDC
22.11.2021
logo
List of Unclassifed Man...
HRS2 ETC-HRS2 Datasheet
138Kb / 5P
Nominal Voltage 3 VDC to 24 VDC
18/11/04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com