Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-222 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-222
Description  GaAs SPST Switch DC-4 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-222 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-222 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - SW-222

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW-220 ETC1-SW-220 Datasheet
35Kb / 2P
Split Bobbin-Printed Circuit Transformers Single & Dual Primaries
logo
Tyco Electronics
SW-224 MACOM-SW-224 Datasheet
24Kb / 2P
GaAs SPDT Switch DC-2 GHz
logo
M/A-COM Technology Solu...
SW-224 MA-COM-SW-224 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
logo
List of Unclassifed Man...
SW-224 ETC2-SW-224 Datasheet
313Kb / 2P
P R INT E D C I RCUI T T R ANS FORME R S
SW-224 ETC2-SW-224 Datasheet
341Kb / 3P
PRINTED CIRCUIT TRANSFORMERS
More results

Similar Description - SW-222

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW6020G MACOM-MASW6020G Datasheet
104Kb / 2P
GaAs SPST Switch DC-6 GHz
SW-259 MACOM-SW-259 Datasheet
102Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
logo
Stanford Microdevices
SSW-508 STANFORD-SSW-508 Datasheet
83Kb / 2P
DC-4 GHz GaAs MMIC SPST Switch
logo
Tyco Electronics
MASWSS0162 MACOM-MASWSS0162 Datasheet
169Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0162 MA-COM-MASWSS0162 Datasheet
88Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
SW-214-PIN MA-COM-SW-214-PIN Datasheet
55Kb / 3P
GaAs SPST Switch, DC - 3 GHz
SW-259 MA-COM-SW-259 Datasheet
97Kb / 4P
GaAs SPST Switch DC - 2.5 GHz
MASWSS0162 MA-COM-MASWSS0162 Datasheet
88Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
MASW6020G MA-COM-MASW6020G_15 Datasheet
544Kb / 5P
GaAs SPST Switch DC - 6.0 GHz
MASWSS0162 MA-COM-MASWSS0162_15 Datasheet
571Kb / 4P
GaAs SPST Switch DC - 2.5 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com