Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST485AB Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST485AB
Description  Very high speed low power RS-485/RS-422 transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485AB Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST485AB Datasheet HTML 2Page - STMicroelectronics ST485AB Datasheet HTML 3Page - STMicroelectronics ST485AB Datasheet HTML 4Page - STMicroelectronics ST485AB Datasheet HTML 5Page - STMicroelectronics ST485AB Datasheet HTML 6Page - STMicroelectronics ST485AB Datasheet HTML 7Page - STMicroelectronics ST485AB Datasheet HTML 8Page - STMicroelectronics ST485AB Datasheet HTML 9Page - STMicroelectronics ST485AB Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical characteristics
ST485AB
6/19
4
Electrical characteristics
Table 6.
DC electrical characteristics (VCC = 4.5 V to 5.5 V, TA = -40 to 85°C, unless otherwise
specified. Typical values are referred to TA = 25°C, VCC = 5 V) (Note: 1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISUPPLY VCC Power supply current
No load, VRE=0 V or VCC
VDE = VCC
2.3
5
mA
VDE = 0 V
2.6
5
mA
CI/O
Input/output capacitance
10
pF
CAB
Driver output capacity
10
pF
Table 7.
Logic input electrical characteristics (VCC = 4.5 V to 5.5 V, TA = -40 to 85°C, unless
otherwise specified. Typical values are referred to TA = 25°C, VCC = 5 V) (Note: 1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input logic threshold low
DE, DI, RE
0.8
V
VIH
Input logic threshold high
DE, DI, RE
2
V
IIN1
Logic input current
DE, DI, RE
± 2.0
µA
IIN2
Input current (A, B)
VDE=0 V,
VCC= 0 or 5.25 V
VIN=12 V
1
mA
VIN=-7 V
-0.8
mA
Table 8.
Transmitter electrical characteristics (VCC = 4.5 V to 5.5 V, TA = -40 to 85°C, unless
otherwise specified. Typical values are referred to TA = 25°C, VCC = 5 V) (Note: 1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VOD1
Differential driver output (No load)
5
V
VOD2
Differential driver output (with load)
RL= 54 Ω (RS-422)
VCM= -7 V to 12 V
1.5
2.7
5
V
ΔVOD
Change in magnitude of driver
differential output voltage for
complementary output states
(Note: 1)
RL= 27 Ω or 50 Ω
00.2
V
VOC
Driver common mode output
voltage
RL= 27 Ω or 50 Ω
13
V
ΔVOC
Change in magnitude of driver
common mode output voltage
(Note: 1)
RL= 54 Ω or 100 Ω
00.2
V
IOSD
Driver short circuit output current
VO= -7 V to 12 V
± 250
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com