Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST485AB Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST485AB
Description  Very high speed low power RS-485/RS-422 transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485AB Datasheet(HTML) 3 Page - STMicroelectronics

  ST485AB Datasheet HTML 1Page - STMicroelectronics ST485AB Datasheet HTML 2Page - STMicroelectronics ST485AB Datasheet HTML 3Page - STMicroelectronics ST485AB Datasheet HTML 4Page - STMicroelectronics ST485AB Datasheet HTML 5Page - STMicroelectronics ST485AB Datasheet HTML 6Page - STMicroelectronics ST485AB Datasheet HTML 7Page - STMicroelectronics ST485AB Datasheet HTML 8Page - STMicroelectronics ST485AB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ST485AB
Pin configuration
3/19
1
Pin configuration
Figure 1.
Pin configuration
Table 2.
Pin description
Pin n°
Symbol
Name and function
1
RO
Receiver output. If A>B by 200 mV, RO will be high; if A<B by 200 mV, RO will be low
2RE
Receiver output enable. RO is enabled when RE is low; RO is high impedance when RE is
high. If RE is high and DE is low, the device will enter a low power shutdown mode.
3DE
Driver output enable. The driver outputs are enabled by bringing DE high. They are high
impedance when DE is low. If RE is high DE is low, the device will enter a low-power shutdown
mode. If the driver outputs are enabled, the part functions as line driver, while they are high
impedance, it functions as line receivers if RE is low.
4DI
Driver input. A low on DI forces output A low and output B high. Similarly, a high on DI forces
output A high and output B low
5
GND
Ground
6
A
Non-inverting receiver input and non-inverting driver output
7
B
Inverting receiver input and inverting driver output
8VCC
Supply voltage: VCC= 4.75 V to 5.25 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com