Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST485ABDR Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST485ABDR
Description  Very high speed low power RS-485/RS-422 transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485ABDR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST485ABDR Datasheet HTML 3Page - STMicroelectronics ST485ABDR Datasheet HTML 4Page - STMicroelectronics ST485ABDR Datasheet HTML 5Page - STMicroelectronics ST485ABDR Datasheet HTML 6Page - STMicroelectronics ST485ABDR Datasheet HTML 7Page - STMicroelectronics ST485ABDR Datasheet HTML 8Page - STMicroelectronics ST485ABDR Datasheet HTML 9Page - STMicroelectronics ST485ABDR Datasheet HTML 10Page - STMicroelectronics ST485ABDR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ST485AB
Electrical characteristics
7/19
Table 9.
Receiver electrical characteristics (VCC = 4.5 V to 5.5 V, TA = -40 to 85°C, unless
otherwise specified. Typical values are referred to TA = 25°C, VCC = 5 V) (Note: 1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VTH
Receiver Differential Threshold
Voltage
VCM = -7 V to 12 V
-0.2
0.2
V
ΔVTH
Receiver Input Hysteresis
VCM = 0 V
70
mV
VOH
Receiver Output High Voltage
IOUT = -4 mA, VID = 200 mV
3.5
4.7
V
VOL
Receiver Output Low Voltage
IOUT = 4 mA, VID = -200 mV
0.2
0.4
V
IOZR
3-State (High Impedance) Output
Current at Receiver
VO = 0.4 V to 2.4 V
± 1
μA
RRIN
Receiver Input Resistance
VCM = -7 V to 12 V
12
24
K
Ω
IOSR
Receiver Short-Circuit Current
VO = 0 V to VCC
795
mA
Table 10.
Driver switching characteristics (VCC = 4.5 V to 5.5 V, TA = -40 to 85°C, unless otherwise
specified. Typical values are referred to TA = 25°C, VCC = 5 V) (See Note: 1, Note 3)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DR
Maximum data rate
Jitter < 5%
30
50
Mbps
tPLH
tPHL
Propagation delay input to output
RL= 54 Ω, CL1=CL2=50 pF,
(Figure 8.)
18
30
ns
tSKEW
Differential output delay skew
RL= 54Ω, CL1=CL2=50 pF,
(Figure 6.)
0.5
2
ns
tTLH
tTHL
Rise or fall differential time
RL= 54Ω, CL1=CL2=50 pF,
(Figure 6.)
812
ns
tPZL
Output enable time
CL= 50 pF, S1 Closed
30
ns
tPZH
Output enable time
CL= 50 pF, S2 Closed
30
ns
tPHZ
Output disable time
CL= 15 pF, S2 Closed
30
ns
tPLZ
Output disable time
CL= 15 pF, S1 Closed
30
ns
tSK(EN)
Synchronous driver operation a-b at
enable
2ns
tSK(DS)
Synchronous driver operation A-B
at disable
46
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com