Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST485ABDR Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST485ABDR
Description  Very high speed low power RS-485/RS-422 transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485ABDR Datasheet(HTML) 1 Page - STMicroelectronics

  ST485ABDR Datasheet HTML 1Page - STMicroelectronics ST485ABDR Datasheet HTML 2Page - STMicroelectronics ST485ABDR Datasheet HTML 3Page - STMicroelectronics ST485ABDR Datasheet HTML 4Page - STMicroelectronics ST485ABDR Datasheet HTML 5Page - STMicroelectronics ST485ABDR Datasheet HTML 6Page - STMicroelectronics ST485ABDR Datasheet HTML 7Page - STMicroelectronics ST485ABDR Datasheet HTML 8Page - STMicroelectronics ST485ABDR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
August 2007
Rev. 3
1/19
19
ST485AB
Very high speed
low power RS-485/RS-422 transceiver
Features
Low supply current: 5 mA max
High data rate > 30 Mbps
Designed for RS 485 interface applications
-7 to 12 common mode input voltage range
Driver maintains high impedance in 3-state or
with the power off
70mV typical input hysteresis
Operate from single 5 supply
±4 kV ESD protection
Current limiting and thermal shutdown for
driver overload protection
Latch-up free up to 500 mA
Description
The ST485A is a low power, high speed
transceiver for RS-485 and RS-422
communications. The device contains one driver
and one receiver in half duplex configuration. The
ST485A draws 3 mA (typ.) of supply current when
unloaded or fully loaded with disabled drivers. It
operates from a single 5 V supply.
Driver is short-circuit current limited and is
protected against excessive power dissipation by
thermal shutdown circuitry that place the driver
outputs into a high-impedance state. The receiver
input has a fail-safe feature that guarantees a
logic high output if both inputs are open circuit.
The ST485A is designed for bi-directional data
communications or multipoint bus transmission
lines.
DIP-8
SO-8
Table 1.
Device summary
Order code
Temperature
range
Package
Packaging
ST485ABN
-40 to 85 °C
DIP-8
50parts per tube / 40tube per box
ST485ABDR
-40 to 85 °C
SO-8 (Tape & reel)
2500 parts per reel
www.st.com


Similar Part No. - ST485ABDR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST485ABDR STMICROELECTRONICS-ST485ABDR Datasheet
254Kb / 19P
Very high speed low power RS-485/RS-422 transceiver
28-Mar-2006
More results

Similar Description - ST485ABDR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
Low power RS-485/RS-422 transceiver
21-Mar-2006
ST490A STMICROELECTRONICS-ST490A Datasheet
203Kb / 11P
LOW POWER HIGH SPEED RS-485/RS-422 TRANSCEIVER
Nov-2002
ST491A STMICROELECTRONICS-ST491A Datasheet
269Kb / 12P
LOW POWER HIGH SPEED RS-485/RS-422 TRANSCEIVER
Jul-2003
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
LOW POWER RS-485/RS-422 TRANSCEIVER
04-May-2006
ST485A STMICROELECTRONICS-ST485A Datasheet
254Kb / 19P
Very high speed low power RS-485/RS-422 transceiver
28-Mar-2006
ST490A STMICROELECTRONICS-ST490A_06 Datasheet
210Kb / 17P
Low power high speed RS-485/RS-422 transceiver
04-May-2006
ST491A STMICROELECTRONICS-ST491A_07 Datasheet
239Kb / 17P
Low power high speed RS-485/RS-422 transceiver
28-May-2007
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
Low power RS-485/RS-422 transceiver
07-Feb-2008
ST490AB STMICROELECTRONICS-ST490AB Datasheet
686Kb / 17P
Low power high speed RS-485/RS-422 transceiver
07-Feb-2008
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
Low power RS-485/RS-422 transceiver
07-Nov-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com