Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST490AB Datasheet (PDF) - STMicroelectronics

ST490AB Datasheet PDF - STMicroelectronics
Part # ST490AB
Download  ST490AB Download
File Size   686.52 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low power high speed RS-485/RS-422 transceiver

ST490AB Datasheet (PDF)

Go To PDF Page Download Datasheet
ST490AB Datasheet PDF - STMicroelectronics

Part # ST490AB
Download  ST490AB Click to download

File Size   686.52 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low power high speed RS-485/RS-422 transceiver

ST490AB Datasheet (HTML) - STMicroelectronics


ST490AB Product details

Description

The ST490A is a low power transceiver for RS-485 and RS-422 communications. The device contains one driver and one receiver in full duplex configuration. The ST490A draws 5 mA (typ.) of supply current when unloaded or fully loaded with disabled drivers. It operates from a single 5 V supply.



Features

■ Low supply current: 5 mA max

■ -7 V to 12 V common mode input voltage range

■ 70 mV typical input hysteresis

■ Designed for 25 Mbps operation

■ Operate from a single 5 V supply

■ ±4 kV ESD protection

■ Current limiting and thermal shutdown for driver overload protection



 




Similar Part No. - ST490AB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST490ABD STMICROELECTRONICS-ST490ABD Datasheet
203Kb / 11P
LOW POWER HIGH SPEED RS-485/RS-422 TRANSCEIVER
Nov-2002
ST490ABDR STMICROELECTRONICS-ST490ABDR Datasheet
203Kb / 11P
LOW POWER HIGH SPEED RS-485/RS-422 TRANSCEIVER
Nov-2002
ST490ABDR STMICROELECTRONICS-ST490ABDR Datasheet
210Kb / 17P
Low power high speed RS-485/RS-422 transceiver
04-May-2006
ST490ABN STMICROELECTRONICS-ST490ABN Datasheet
203Kb / 11P
LOW POWER HIGH SPEED RS-485/RS-422 TRANSCEIVER
Nov-2002
ST490ABN STMICROELECTRONICS-ST490ABN Datasheet
210Kb / 17P
Low power high speed RS-485/RS-422 transceiver
04-May-2006
More results


Similar Description - ST490AB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
Low power RS-485/RS-422 transceiver
21-Mar-2006
ST490A STMICROELECTRONICS-ST490A Datasheet
203Kb / 11P
LOW POWER HIGH SPEED RS-485/RS-422 TRANSCEIVER
Nov-2002
ST491A STMICROELECTRONICS-ST491A Datasheet
269Kb / 12P
LOW POWER HIGH SPEED RS-485/RS-422 TRANSCEIVER
Jul-2003
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
LOW POWER RS-485/RS-422 TRANSCEIVER
04-May-2006
ST485A STMICROELECTRONICS-ST485A Datasheet
254Kb / 19P
Very high speed low power RS-485/RS-422 transceiver
28-Mar-2006
ST490A STMICROELECTRONICS-ST490A_06 Datasheet
210Kb / 17P
Low power high speed RS-485/RS-422 transceiver
04-May-2006
ST491A STMICROELECTRONICS-ST491A_07 Datasheet
239Kb / 17P
Low power high speed RS-485/RS-422 transceiver
28-May-2007
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
Low power RS-485/RS-422 transceiver
07-Feb-2008
ST485AB STMICROELECTRONICS-ST485AB_07 Datasheet
717Kb / 19P
Very high speed low power RS-485/RS-422 transceiver
24-Aug-2007
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
Low power RS-485/RS-422 transceiver
07-Nov-2007
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com