Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST490AB Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST490AB
Description  Low power high speed RS-485/RS-422 transceiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST490AB Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST490AB Datasheet HTML 3Page - STMicroelectronics ST490AB Datasheet HTML 4Page - STMicroelectronics ST490AB Datasheet HTML 5Page - STMicroelectronics ST490AB Datasheet HTML 6Page - STMicroelectronics ST490AB Datasheet HTML 7Page - STMicroelectronics ST490AB Datasheet HTML 8Page - STMicroelectronics ST490AB Datasheet HTML 9Page - STMicroelectronics ST490AB Datasheet HTML 10Page - STMicroelectronics ST490AB Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ST490AB
Electrical characteristics
7/17
Table 8.
Receiver electrical characteristics
(VCC = 4.5 V to 5.5 V, TA = -40 to 85 °C, unless otherwise specified. Typical values are
referred to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IIN1
Logic input current
± 2.0
μA
IIN2
Input current (A, B)
Other input=0V
VCC= 0 or 5.25V
VIN=12V
0.5
1
mA
VIN=-7V
-0.35
-0.8
mA
VTH
Receiver differential threshold
voltage
VCM = -7V to 12V
-0.2
0.2
V
ΔVTH
Receiver input hysteresis
VCM = 0V
70
mV
VOH
Receiver output high voltage
IOUT = -8mA, VID = 200mV
3.5
4.7
V
VOL
Receiver output low voltage
IOUT = 8mA, VID = -200mV
0.2
0.4
V
RRIN
Receiver input resistance
VCM = -7V to 12V
12
24
k
Ω
IOSR
Receiver short-circuit current
VO = 0V to VCC
795
mA
Table 9.
Driver switching characteristics
(VCC = 4.5 V to 5.5 V, TA = -40 to 85 °C, unless otherwise specified. Typical values are
referred to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DR
Maximum data rate
Jitter <5%
25
50
Mbps
tPLH
tPHL
Propagation delay input
to output
RL= 54Ω, CL1=CL2=50pF, (Figure 1)10
16
ns
tSKEW
Differential output delay
skew
RL= 54Ω, CL1=CL2=50pF, (Figure 1)1
3
ns
tTLH
tTHL
Rise or fall differential
time
RL= 54Ω, CL1=CL2=50pF, (Figure 1)8
12
ns
Table 10.
Receiver switching characteristics
(VCC = 4.5 V to 5.5 V, TA = -40 to 85 °C, unless otherwise specified. Typical values are
referred to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tPLH
tPHL
Propagation delay input
to output
CL = 15pF, (Figure 2, Figure 4)19
30
ns
tSKD
|tPLH - tPHL| Receiver
output skew
CL = 15pF, (Figure 2, Figure 4)1
3
ns
tTLH
tTHL
Rise or fall time
CL = 15pF, (Figure 2, Figure 4)8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com