Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST490AB Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST490AB
Description  Low power high speed RS-485/RS-422 transceiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST490AB Datasheet(HTML) 1 Page - STMicroelectronics

  ST490AB Datasheet HTML 1Page - STMicroelectronics ST490AB Datasheet HTML 2Page - STMicroelectronics ST490AB Datasheet HTML 3Page - STMicroelectronics ST490AB Datasheet HTML 4Page - STMicroelectronics ST490AB Datasheet HTML 5Page - STMicroelectronics ST490AB Datasheet HTML 6Page - STMicroelectronics ST490AB Datasheet HTML 7Page - STMicroelectronics ST490AB Datasheet HTML 8Page - STMicroelectronics ST490AB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
February 2008
Rev 5
1/17
17
ST490AB
Low power high speed
RS-485/RS-422 transceiver
Features
■ Low supply current: 5 mA max
■ -7 V to 12 V common mode input voltage range
■ 70 mV typical input hysteresis
■ Designed for 25 Mbps operation
■ Operate from a single 5 V supply
■ ±4 kV ESD protection
■ Current limiting and thermal shutdown for
driver overload protection
Description
The ST490A is a low power transceiver for RS-
485 and RS-422 communications. The device
contains one driver and one receiver in full duplex
configuration. The ST490A draws 5 mA (typ.) of
supply current when unloaded or fully loaded with
disabled drivers. It operates from a single 5 V
supply.
Driver is short-circuit current limited and is
protected against excessive power dissipation by
thermal shutdown circuitry that place the driver
outputs into a high-impedance state. The receiver
input has a fail-safe feature that guarantees a
logic high output if both inputs are open circuit.
DIP-8
SO-8
Table 1.
Device summary
Order code
Temperature range
Package
Packaging
ST490ABN
-40 to 85 °C
DIP-8
50 parts per tube / 40 tube per box
ST490ABDR
-40 to 85 °C
SO-8 (tape and reel)
2500 parts per reel
www.st.com


Similar Part No. - ST490AB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST490ABD STMICROELECTRONICS-ST490ABD Datasheet
203Kb / 11P
LOW POWER HIGH SPEED RS-485/RS-422 TRANSCEIVER
Nov-2002
ST490ABDR STMICROELECTRONICS-ST490ABDR Datasheet
203Kb / 11P
LOW POWER HIGH SPEED RS-485/RS-422 TRANSCEIVER
Nov-2002
ST490ABDR STMICROELECTRONICS-ST490ABDR Datasheet
210Kb / 17P
Low power high speed RS-485/RS-422 transceiver
04-May-2006
ST490ABN STMICROELECTRONICS-ST490ABN Datasheet
203Kb / 11P
LOW POWER HIGH SPEED RS-485/RS-422 TRANSCEIVER
Nov-2002
ST490ABN STMICROELECTRONICS-ST490ABN Datasheet
210Kb / 17P
Low power high speed RS-485/RS-422 transceiver
04-May-2006
More results

Similar Description - ST490AB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
Low power RS-485/RS-422 transceiver
21-Mar-2006
ST490A STMICROELECTRONICS-ST490A Datasheet
203Kb / 11P
LOW POWER HIGH SPEED RS-485/RS-422 TRANSCEIVER
Nov-2002
ST491A STMICROELECTRONICS-ST491A Datasheet
269Kb / 12P
LOW POWER HIGH SPEED RS-485/RS-422 TRANSCEIVER
Jul-2003
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
LOW POWER RS-485/RS-422 TRANSCEIVER
04-May-2006
ST485A STMICROELECTRONICS-ST485A Datasheet
254Kb / 19P
Very high speed low power RS-485/RS-422 transceiver
28-Mar-2006
ST490A STMICROELECTRONICS-ST490A_06 Datasheet
210Kb / 17P
Low power high speed RS-485/RS-422 transceiver
04-May-2006
ST491A STMICROELECTRONICS-ST491A_07 Datasheet
239Kb / 17P
Low power high speed RS-485/RS-422 transceiver
28-May-2007
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
Low power RS-485/RS-422 transceiver
07-Feb-2008
ST485AB STMICROELECTRONICS-ST485AB_07 Datasheet
717Kb / 19P
Very high speed low power RS-485/RS-422 transceiver
24-Aug-2007
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
Low power RS-485/RS-422 transceiver
07-Nov-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com