Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST490AB Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST490AB
Description  Low power high speed RS-485/RS-422 transceiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST490AB Datasheet(HTML) 5 Page - STMicroelectronics

  ST490AB Datasheet HTML 1Page - STMicroelectronics ST490AB Datasheet HTML 2Page - STMicroelectronics ST490AB Datasheet HTML 3Page - STMicroelectronics ST490AB Datasheet HTML 4Page - STMicroelectronics ST490AB Datasheet HTML 5Page - STMicroelectronics ST490AB Datasheet HTML 6Page - STMicroelectronics ST490AB Datasheet HTML 7Page - STMicroelectronics ST490AB Datasheet HTML 8Page - STMicroelectronics ST490AB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ST490AB
Maximum ratings
5/17
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
Table 5.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
7
V
VDI
Driver input voltage
-0.5 to 7
V
VY, VZ
Driver output voltage
-7.5 to 12.5
V
VA, VB
Receiver input voltage
-7.5 to 12.5
V
VRO
Receiver output voltage
-0.3 to (VCC + 0.3)
V
ESD
Human body model
3.5
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com