Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST490AB Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST490AB
Description  Low power high speed RS-485/RS-422 transceiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST490AB Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST490AB Datasheet HTML 2Page - STMicroelectronics ST490AB Datasheet HTML 3Page - STMicroelectronics ST490AB Datasheet HTML 4Page - STMicroelectronics ST490AB Datasheet HTML 5Page - STMicroelectronics ST490AB Datasheet HTML 6Page - STMicroelectronics ST490AB Datasheet HTML 7Page - STMicroelectronics ST490AB Datasheet HTML 8Page - STMicroelectronics ST490AB Datasheet HTML 9Page - STMicroelectronics ST490AB Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
ST490AB
6/17
4
Electrical characteristics
Table 6.
Electrical characteristics
(VCC = 4.5 V to 5.5 V, TA = -40 to 85 °C, unless otherwise specified. Typical values are
referred to TA = 25 °C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ISUPPLY
No load supply current
2
5
mA
CIN
Input capacitance
1.8
pF
CYZ
Driver output capacitance
1.2
pF
COUT
Output capacitance
2.3
pF
Table 7.
Transmitter electrical characteristics
(VCC = 4.5 V to 5.5 V, TA = -40 to 85 °C, unless otherwise specified. Typical values are
referred to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VOD1
Differential drive output (no load)
VCC
V
VOD2
Differential drive output (with
load)
RL= 54Ω (RS-422) (Figure 1)1.5
2.6
5
V
VOD3
Differential drive output (with
load)
RL= 100Ω (RS-422) (Figure 1)2
3
V
ΔVOD
Change in magnitude of driver
differential output voltage for
complementary output states
RL= 54Ω or 100Ω (Figure 1)0
0.2
V
VOC
Driver common mode output
voltage
RL= 54Ω (Figure 1)1
3
V
ΔVOC
Change in magnitude of driver
common mode output voltage
RL= 54Ω (Figure 1)0
0.2
V
IOFF
Power off output current
VCC = 0V, VO=-7V to 12V
± 100
µA
IOSD
Driver short circuit output current VO=-7V to 12V
± 35
± 250
mA
VIL
Input logic threshold low
0.8
V
VIH
Input logic threshold high
2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com