Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-C1 Datasheet(PDF) 182 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 182 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 178Page - STMicroelectronics ST20-C1 Datasheet HTML 179Page - STMicroelectronics ST20-C1 Datasheet HTML 180Page - STMicroelectronics ST20-C1 Datasheet HTML 181Page - STMicroelectronics ST20-C1 Datasheet HTML 182Page - STMicroelectronics ST20-C1 Datasheet HTML 183Page - STMicroelectronics ST20-C1 Datasheet HTML 184Page - STMicroelectronics ST20-C1 Datasheet HTML 185Page - STMicroelectronics ST20-C1 Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 205 page
background image
182/205
®
}
else if (X > cm)
... similar
else
... jump table code
where
jump table code is
X; ldc ci; sub; ldc jump_size; mul; ldc (jump_table-M); ldpi
M:
add; jab;
jump_table:
j case_0; j case_1; ... ; j case_k
ERROR:
...
error code
Li:
...
code for Pi
...
Lm:
...
code for Pm
The code at
jump_table consists of a sequence of jump instructions which transfer
control to the relevant branch
Li ... Lm or to ERROR. The destination, case_x,of
each of these jumps is
Lj if cj is equal to (ci + x) and is ERROR otherwise.
The code at
ERROR should be the same code as used at the end of an IF statement
where all the conditionals have been
false. The add, ldpi and jab instructions are
explained in other sections.
All the jumps in the
jump_table code must be encoded to the same length (jump_size
bytes) to enable them to be accessed as a byte array.
nop, which is a two byte instruc-
tion that performs no operation, can be used to ensure this where different operands
require a different amount of prefixing.
Also note that in the special case where
jump_size is 1, ‘ldc jump_size; mul’ can be
removed from the sequence, and where
jump_size is 4, ‘ldc jump_size; mul’ can be
removed provided
add is replaced with wsub.
C.3
Expression evaluation order
Let
depth(e) be the number of stack locations needed for the evaluation of expression
e, defined b y
depth(constant)
= 1
depth(variable)
= 1
depth(function call)
= ‘infinite’
depth(e1 op e2)
= if (depth(e1) > depth(e2))
depth(e1)
else if (depth(e1) < depth(e2))
depth(e2)
else
depth(e1) + 1
That is, if the depth required for each expression is the same, then one extra stack
location is required to store the result of the first expression, while the second expres-
sion is being evaluated. If the stack requirements for each expression are different,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com