Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-C1 Datasheet(PDF) 185 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 185 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 181Page - STMicroelectronics ST20-C1 Datasheet HTML 182Page - STMicroelectronics ST20-C1 Datasheet HTML 183Page - STMicroelectronics ST20-C1 Datasheet HTML 184Page - STMicroelectronics ST20-C1 Datasheet HTML 185Page - STMicroelectronics ST20-C1 Datasheet HTML 186Page - STMicroelectronics ST20-C1 Datasheet HTML 187Page - STMicroelectronics ST20-C1 Datasheet HTML 188Page - STMicroelectronics ST20-C1 Datasheet HTML 189Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 205 page
background image
185/205
®
1C; B; A
2
C;A;B;rev
3
B; C; rev; A
4
A; C; rev; B; rev
The choice of loading sequence, and of which operands should be evaluated in
advance is determined by the number of registers required to evaluate each of the
operands.
In particular, if
C requires more than two registers it must be loaded before A and B.If
A or B requires more than two registers it must be evaluated before C and may need
to be stored in a temporary variable if
C requires more than two registers.
Table 8.1 gives the instruction sequences needed for loading three operands into the
evaluation stack, where the number in the ‘load sequence’ column refers to the list
above. The columns labelled ‘temp’ indicate where a local variable is needed to
temporarily save an operand value in the load sequence. The variable ‘a’ is used to
store operand ‘A’ and the variable ‘b’ is used to store operand ‘B’.
registers
required
temp
load
sequence
instructions
CB
A
b
a
≤ 2
1
1
1
C; B; A
1
2
2
C; A; B; rev
1
>2
4
A; C; rev; B; rev
21
1
C; B; A
2
2
*
1
A; stl a; C; B; ldl a
2
>2
*
1
A; stl a; C; B; ldl a
>2
1
3
B; C; rev; A
>2
2
*
3
A; stl a; B; C; rev; ldl a
>2
>2
*
3
A; stl a; B; C; rev; ldl a
>2
1
1
1
C; B; A
1
2
2
C; A; B; rev
1
>2
*
1
A; stl a; C; B; ldl a
21
1
C; B; A
2
2
*
1
A; stl a; C; B; ldl a
2
>2
*
1
A; stl a; C; B; ldl a
>2
1
*
1
B; stl b; C; ldl b; A
>2
2
*
2
B; stl b; C; A; ldl b; rev
>2
>2
*
*
1
A; stl a; B; stl b; C; ldl b; ldl a
Table 8.1 Register loading sequences



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com