Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-C1 Datasheet(PDF) 187 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 187 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 183Page - STMicroelectronics ST20-C1 Datasheet HTML 184Page - STMicroelectronics ST20-C1 Datasheet HTML 185Page - STMicroelectronics ST20-C1 Datasheet HTML 186Page - STMicroelectronics ST20-C1 Datasheet HTML 187Page - STMicroelectronics ST20-C1 Datasheet HTML 188Page - STMicroelectronics ST20-C1 Datasheet HTML 189Page - STMicroelectronics ST20-C1 Datasheet HTML 190Page - STMicroelectronics ST20-C1 Datasheet HTML 191Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 205 page
background image
187/205
®
D
Glossary
Active process
An active
process in a multi-tasking program is one that is either executing or
waiting for CPU time. It may have been
interrupted or trapped or it may be waiting
on a
scheduling queue.
Address
A 32-bit integer used to identify one byte of memory or memory-mapped device.
ST20 addresses are signed, i.e. the address range is the same as the range of a
signed 32-bit integer. A
pointer.
Address space
The range of valid addresses.
Areg
The 32-bit register at the top of the
evaluation stack.
Arithmetic shift
A shift in which the sign bit is preserved. An arithmetic right shift copies the sign bit
into the vacated bits.
Array
A data structure in which all the elements are of the same type and are identified
by a non-negative integer subscript. A
vector.
Bit
A binary digit, which can take the value 1 (also called
set or true) or 0 (also called
clear or false).
Bitwise operation
An operation on multi-bit values which treats each bit as a true (if
set) or false (if
clear).
Boolean
Logic values and calculations using AND, OR, and NOT. A multi-bit value is treated
as Boolean if it represents a single true of false value, as opposed to
bitwise.
Breg
The 32-bit register in the middle of the
evaluation stack.
Byte
An 8-bit value or location.
Cache
Fast memory used to temporarily hold copies of slow memory locations in order to
provide high performance memory access with slow memory.
Channel
A synchronous, one-way, point-to-point, unbuffered communications mechanism.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com