Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-C1 Datasheet(PDF) 191 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 191 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 187Page - STMicroelectronics ST20-C1 Datasheet HTML 188Page - STMicroelectronics ST20-C1 Datasheet HTML 189Page - STMicroelectronics ST20-C1 Datasheet HTML 190Page - STMicroelectronics ST20-C1 Datasheet HTML 191Page - STMicroelectronics ST20-C1 Datasheet HTML 192Page - STMicroelectronics ST20-C1 Datasheet HTML 193Page - STMicroelectronics ST20-C1 Datasheet HTML 194Page - STMicroelectronics ST20-C1 Datasheet HTML 195Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 205 page
background image
191/205
®
Memory
Addressed devices which can be read and possibly written. Reading read/write
memory at a particular address gives the value that was last written to that
address. Reading read-only memory always gives the same value.
Memory-mapped
Addressed devices which are read and written as if they were
memory, but do not
necessarily return the last written value.
Microcode
The on-chip hardware mechanism for implementing instructions.
Micro-kernel
The ST20 on-chip hardware suppor t for multi-tasking.
MostNeg
The most negative 32-bit integer, #80000000. The address of the base of memory.
The value of the null process pointer
NotProcess.
Multi-tasking
Running several communicating
processes on the same processor using time
sharing.
Non-local
A non-local variable is one that is addressed by means of an offset from the base
address held in Areg. Non-local variables are usually not held on a stack and are
defined globally.
cf. local.
NotProcess
The null
process pointer, which has the value MostNeg.
On-chip emulator
Diagnostic controller unit.
On-chip memory
Very fast
memory included in the ST20 chip. On-chip memory is usually located at
the bottom of the
address space.
Operate
An
instruction component, with function code #F and mnemonic opr, used to
encode
secondary instructions. The instruction data value identifies the secondar y
instruction.
Operating system
Code controlling multi-tasking, interrupts and certain system operations, which
may be called by a program. The ST20 suppor ts many of these facilities in micro-
code without an operating system.
Operation
A secondary instruction.
Peripheral
A device connected to and controlled by the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com