Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-C1 Datasheet(PDF) 193 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 193 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 189Page - STMicroelectronics ST20-C1 Datasheet HTML 190Page - STMicroelectronics ST20-C1 Datasheet HTML 191Page - STMicroelectronics ST20-C1 Datasheet HTML 192Page - STMicroelectronics ST20-C1 Datasheet HTML 193Page - STMicroelectronics ST20-C1 Datasheet HTML 194Page - STMicroelectronics ST20-C1 Datasheet HTML 195Page - STMicroelectronics ST20-C1 Datasheet HTML 196Page - STMicroelectronics ST20-C1 Datasheet HTML 197Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 205 page
background image
193/205
®
Scheduling kernel
Code to override the ST20 built-in
microcode scheduler, consisting mainly of trap
handlers which are taken when a scheduling event occurs.
Scheduling queue
The
queue of processes waiting for CPU time.
Secondary instruction
An instruction encoded using an
operate instruction component. A secondary
instruction has no data part associated with it, as the instruction data value is used
to identify the instruction.
cf. primary instruction.
Semaphore
A mechanism for synchronizing and signalling between processes.
Set
A bit is set when its value is 1.
Sign extension
A signed value can be extended to occupy more bits by filling the most significant
bits with copies of the sign bit.
Sign bit
The most significant bit of a
signed value, used to indicate the sign of the value.
Signed value
Value which could be positive or negative depending on the
sign bit.
Sleep
The CPU is asleep when its clocks are turned off to reduce power consumption.
The CPU automatically goes to sleep after it becomes idle. It is woken by an
external
interrupt.
Slot
A slot is a field of a data structure for holding a value. A slot normally occupies one
word.
Stack
A stack is a data storage structure that uses a ‘first in, last out’ access model.
Adding an item to a stack is called pushing on, and extracting a value is called
popping. A program stack is normally implemented using the Wptr as the stack
pointer. The Areg, Breg and Creg form the
evaluation stack.
Stack, evaluation
See
evaluation stack.
State
The state of a process is the data needed for the process to continue execution.
This may include the evaluation stack, Iptr, Wptr, status register and local data.
Status register
The status register holds CPU status information which must be saved if an
interrupt occurs but is not saved if the process deschedules. Some status register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com