Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-C1 Datasheet(PDF) 189 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 189 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 185Page - STMicroelectronics ST20-C1 Datasheet HTML 186Page - STMicroelectronics ST20-C1 Datasheet HTML 187Page - STMicroelectronics ST20-C1 Datasheet HTML 188Page - STMicroelectronics ST20-C1 Datasheet HTML 189Page - STMicroelectronics ST20-C1 Datasheet HTML 190Page - STMicroelectronics ST20-C1 Datasheet HTML 191Page - STMicroelectronics ST20-C1 Datasheet HTML 192Page - STMicroelectronics ST20-C1 Datasheet HTML 193Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 205 page
background image
189/205
®
Exception vector table
The table mapping
exception levels to user processes and exception descriptors.
Executing
A
process is executing if the CPU is currently modifying its state. Only one process
can be executing at any one time.
External interrupt
An
interrupt generated by a peripheral or external device, routed through the
interrupt controller and handled by an interrupt handler.
Function
A named section of code which may have parameters and may return one or more
values.
Function
A primary instruction.
Function code
The most significant 4-bits of an
instruction component, which defines the action
of the component.
Half-word
A 16-bit value or location.
Half-word aligned
An address is half-word aligned if it is divisible by two, i.e. if bit 0 is 0.
Idle
The CPU is idle when there is no
process or exception handler executing.
Inactive
A process is inactive if it is capable of being restarted but it is currently waiting for
some event to occur before it can continue. The event might be a semaphore
signal or a peripheral completing a DMA.
Instruction
A code element corresponding to a single instruction set mnemonic, consisting of
zero or more
prefixes followed by a non-prefix instruction component.
Instruction component
A single byte of code, consisting of a function code and 4 bits of data.
Instruction data value
The operand of a
primary instruction, which is built from the least significant 4 bits
of each of the
instruction components of the instruction.
Instruction pointer
The 32-bit CPU register which holds the address of the next
instruction to be
executed by the
current process.
Integer
A whole number, which may be positive, negative or zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com