Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-C1 Datasheet(PDF) 188 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 188 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 184Page - STMicroelectronics ST20-C1 Datasheet HTML 185Page - STMicroelectronics ST20-C1 Datasheet HTML 186Page - STMicroelectronics ST20-C1 Datasheet HTML 187Page - STMicroelectronics ST20-C1 Datasheet HTML 188Page - STMicroelectronics ST20-C1 Datasheet HTML 189Page - STMicroelectronics ST20-C1 Datasheet HTML 190Page - STMicroelectronics ST20-C1 Datasheet HTML 191Page - STMicroelectronics ST20-C1 Datasheet HTML 192Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 205 page
background image
188/205
®
Clear
A bit is clear if it has the value 0.
Creg
The 32-bit register at the bottom of the
evaluation stack.
Current process
The process being either being executed by the CPU, interrupted or trapped.
DCU
Diagnostic Controller Unit.
Descriptor
Identifier of a
process or exception.
Deschedule
A
process is descheduled when it is not being executed by the CPU and has not
been
interrupted or trapped by an exception handler but it is capable of being
restarted. To deschedule a process is to make it descheduled.
Diagnostic Controller Unit
ST20 hardware macro-cell which provides fully non-intrusive breakpoints, watch-
points and code tracing.
DMA
Direct memory access. A
peripheral or external device performs DMA when it
reads directly from or writes directly to memory.
DMA peripheral
A
peripheral with a DMA engine.
Double word
A 64-bit value, occupying two words.
Evaluation stack
The Areg, Breg and Creg, which together behave as a stack. The evaluation
stack is used for expression evaluation and to hold operands for instructions. The
registers cannot be individually addressed, but values can be pushed onto the
stack or popped off it.
Exception
A mechanism for handling events outside the normal program flow. An exception
may be an
interrupt or a trap.
Exception handler
The code and data which defines the action when an
exception is taken. An
exception handler may be a
trap handler or an interrupt handler.
Exception level
The signed integer specifying which
exception will be taken, which is the word
offset from the base of the
exception vector table to the descriptor of the process
or
exception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com