Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-C1 Datasheet(PDF) 190 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 190 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 186Page - STMicroelectronics ST20-C1 Datasheet HTML 187Page - STMicroelectronics ST20-C1 Datasheet HTML 188Page - STMicroelectronics ST20-C1 Datasheet HTML 189Page - STMicroelectronics ST20-C1 Datasheet HTML 190Page - STMicroelectronics ST20-C1 Datasheet HTML 191Page - STMicroelectronics ST20-C1 Datasheet HTML 192Page - STMicroelectronics ST20-C1 Datasheet HTML 193Page - STMicroelectronics ST20-C1 Datasheet HTML 194Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 205 page
background image
190/205
®
Internal memory
On-chip memory.
Interrupt
A signal from outside the CPU to switch from normal execution to execution of an
interrupt handler. If the interrupt causes a scheduling event, then that may cause
an immediate
trap.
Interrupt controller
An on-chip
peripheral which arbitrates between interrupt requests and signals to
the CPU when an interrupt is required.
Interrupt handler
The code and data which defines the action when an
interrupt is taken.
Interrupt latency
The time taken from receiving an
interrupt signal to starting execution of the
interrupt handler.
Interrupted
A
process is in an interrupted state if it is waiting for an interrupt handler to
complete and it will continue as soon as the interrupt handler has completed.
IOreg
The input and output register, whose bits are directly connected to
peripherals.
Iptr
The
instruction pointer.
Linked list
A linked list is an ordered data structure where each element includes a pointer to
the next element. A list is identified b y a front pointer, which points to the first
element in the list. Linked lists are also called
queues.
Little-endian
Little-endian ordering of data, used by all ST20s, means that less significant data
is always held in lower addresses. This applies to bits in bytes, bytes in words and
words in memory.
List
See
linked list.
Local
A local variable is one that is addressed by means of an offset from the workspace
pointer. Local variables are usually held on a stack and are defined within a
function or procedure.
cf. non-local.
Logical shift
A shift in which the sign bit is shifted by the same amount as any other bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com