Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-C1 Datasheet(PDF) 194 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 194 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 190Page - STMicroelectronics ST20-C1 Datasheet HTML 191Page - STMicroelectronics ST20-C1 Datasheet HTML 192Page - STMicroelectronics ST20-C1 Datasheet HTML 193Page - STMicroelectronics ST20-C1 Datasheet HTML 194Page - STMicroelectronics ST20-C1 Datasheet HTML 195Page - STMicroelectronics ST20-C1 Datasheet HTML 196Page - STMicroelectronics ST20-C1 Datasheet HTML 197Page - STMicroelectronics ST20-C1 Datasheet HTML 198Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 205 page
background image
194/205
®
bits are global and are preserved when a process is descheduled and others are
local to a
process and are lost when the process is descheduled.
Task
A
process.
Task descriptor
The identifier of a
process, which is a pointer to the process descriptor block.
When a process is executing, the Tdesc holds the task descriptor of the process.
Tdesc
A 32-bit register which holds the
task descriptor of the current process.
Thread
A dynamically generated
process.
Timeslice
Deschedule a process to allow other processes access to the CPU. Timeslicing
prevents any one process from occupying too much CPU time. A timesliced
process is normally added to the back of the
scheduling queue and the process on
the front of the queue is restarted.
Trap
An
exception caused by software, or an interrupt initiating a scheduling event.
Trap handler
The code and data which define what happens when a
trap is taken.
Trapped
A process is trapped when it is waiting for a
trap handler to complete.
Unsigned value
Value which could only be positive, so the most significant bit is not used as a
sign
bit.
Vector
An
array.
Waiting
A process is waiting for an event if it cannot continue execution until that event has
occurred. The event could be for example a communication or a
semaphore
signal.
Word
A word is a four byte (32-bit) location for data.
Word-aligned
An
address is word-aligned if it is divisible by 4, i.e. if the least significant two bits
are zero.
Work space
Space in memory for
local variables and values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com