Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

770 Datasheet(PDF) 2 Page - CTS Corporation

Part # 770
Description  Single In-Line Conformal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

770 Datasheet(HTML) 2 Page - CTS Corporation

  770 Datasheet HTML 1Page - CTS Corporation 770 Datasheet HTML 2Page - CTS Corporation 770 Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
March 2008
CTS Electronic Components
www.ctscorp.com
Package Dimensions
Standard Resistor Values & EIA Code
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
10
100
75
750
510
511
3.9K
392
33K
333
270K
274
12
120
82
820
560
561
4.7K
472
39K
393
330K
334
15
150
100
101
680
681
5.1K
512
47K
473
390K
394
18
180
110
111
820
821
5.6K
562
51K
513
470K
474
22
220
120
121
1K
102
6.8K
682
56K
563
510K
514
27
270
150
151
1.2K
122
8.2K
822
68K
683
560K
564
33
330
180
181
1.5K
152
10K
103
82K
823
680K
684
39
390
220
221
1.8K
182
12K
123
100K
104
820K
824
47
470
270
271
2.0K
202
15K
153
120K
124
1M
105
51
510
330
331
2.2K
222
18K
183
150K
154
56
560
390
391
2.7K
272
22K
223
180K
184
68
680
470
471
3.3K
332
27K
273
220K
224
Number of Pins
"A" Dimension +/-0.25/0.010
Packaged Power @25°C
Packaged Power @70°C
4
10.11/0.398
0.60W
0.40W
5
12.65/0.498
0.83W
0.52W
6
15.19/0.598
0.96W
0.64W
7
17.30/0.698
1.18W
0.76W
8
20.27/0.798
1.32W
0.88W
9
22.81/0.898
1.49W
1.00W
10
25.35/0.998
1.66W
1.11W
11
27.89/1.098
1.83W
1.24W
12
30.43/1.198
2.00W
1.35W
Schematic
Packaged Power @25°C
Packaged Power @70°C
1 & 5
0.15W
0.10W
3
0.30W
0.20W
NOTES:
*General Tolerances
mm +/-0.25
inch +/-0.010
*Copper Alloy Leads,
Solder-coated
Part Marking:
For parts with reduced
marking area (8 pins or less),
the part series (770) may be
omitted from the part number
portion of the marking .
Example: CTSK082281103P



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com