Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

770 Datasheet(PDF) 3 Page - CTS Corporation

Part # 770
Description  Single In-Line Conformal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

770 Datasheet(HTML) 3 Page - CTS Corporation

  770 Datasheet HTML 1Page - CTS Corporation 770 Datasheet HTML 2Page - CTS Corporation 770 Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3
March 2008
CTS Electronic Components
www.ctscorp.com
How to Order
Packaging
Bulk Pack
All Products 250 Parts/Bag
Environmental Performance Specifications
Test
Max. %
Delta R
Mil. Std.
202 Method
Test Cond.
Test Description
Thermal Cycling
0.5%
107
B
5 cycles, -65°C to +125°C
Short Time Overload
0.5%
2 1/2 x rated voltage, 5 sec (100V Max.)
Moisture Resistance
0.5%
106
240 hours, 0.1 rated load, -10°C to +65°C, 90% RH
Load Humidity
1.0%
1000 hours, 0.1 rated load, 70°C, 85-92% RH
High Temp Exposure
1.0%
240 hours, no load, @ 125°C
Load Life
1.0%
108
D
1000 hours @ 70°C rated load
Resistance to Solder Heat
0.25%
A
3 second dwell @ 350°C, dwell
Mechanical Shock
0.25%
213
I
100g, 1 msec., 3 shocks each plane
Vibration
0.25%
204
D
20g, 10-2000Hz, 4 hours/plane
Terminal Strength
0.25%
2.0 Kg. pull, 30 sec., three 45° bends
Low Temp Storage
0.25%
24 hours @ -65°C, no load
Low Temp Operation
0.25%
45 min @ -65°C, full load
Flammability
N/A
94V-0
Non-Fungus per MIL-STD
810C
Resistance to Solvents
Isopropyl alcohol
Solderability
RMA Flux, 230°C, 5 seconds dip, 95% coverage
770
10
1
103
P
RoHS Compliant
(Sn/Ag solder)
Part Number Series
1
Bussed
3
Isolated
5
Dual Terminator
Schematic
NOTE: No dashes or spaces to appear in part number.
Example: 770101103P
Resistor Code
Number of Pins
Refer to the EIA Code Noted on Page 2.
Resistor Code Schematics 1 & 3
Resistor Value Schematic 5
Example 220/330 = 220Ω/330Ω
Example 470/1.2K = 470Ω/1200Ω
All part numbers are ±2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com