Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-JPI110 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST20-JPI110
Description  PC PARALLEL PORT TO JTAG INTERFACE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-JPI110 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST20-JPI110 Datasheet HTML 2Page - STMicroelectronics ST20-JPI110 Datasheet HTML 3Page - STMicroelectronics ST20-JPI110 Datasheet HTML 4Page - STMicroelectronics ST20-JPI110 Datasheet HTML 5Page - STMicroelectronics ST20-JPI110 Datasheet HTML 6Page - STMicroelectronics ST20-JPI110 Datasheet HTML 7Page - STMicroelectronics ST20-JPI110 Datasheet HTML 8Page - STMicroelectronics ST20-JPI110 Datasheet HTML 9Page - STMicroelectronics ST20-JPI110 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ST20-JPI
7/10
®
3.3
Differential Link Connection
The Differential OS-Link connector is used to connect the ST20-JPI to a B300 instead of a Parallel
port.
Table 3.1 26 way D-type connector
3.4
JTAG Connection
The JTAG connector is a 20 pin male IDC header. The following table shows the pinout of the
ST20-JPI and the pinout required for the target board:
Table 3.2 JTAG connector pinout
Pin
Description
Pin
Description
1
+notSSDownReset
14
GND
2
+notSSDownAnalyse
15
GND
3
+notSSDownError
16
GND
4
+notSSUpReset
17
GND
5
+notSSUpAnalyse
18
GND
6
+notSSUpError
19
-notSSDownReset
7
+LinkOut
20
-notSSDownAnalyse
8
+LinkIn
21
-notSSDownError
9
GND
22
-notSSUpReset
10
GND
23
-notSSUpAnalyse
11
GND
24
-notSSUpError
12
GND
25
-LinkOut
13
GND
26
-LinkIn
Pin Number
Host Connection
Target Connection
Even Numbers
GROUND
GROUND
1
Reserved
Do Not Wire
3
TrigIn
TrigOut
5
TrigOut
TrigIn
7
Reserved
Do Not Wire
9
TMS (Out)
TMS (In)
11
TCK (Out)
TCK (In)
13
TDO
TDI
15
TDI
TDO
17
notRST (Out)
notRST (In)
19
notTRST (Out)
notTRST (In)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com