Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-JPI110 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST20-JPI110
Description  PC PARALLEL PORT TO JTAG INTERFACE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-JPI110 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST20-JPI110 Datasheet HTML 2Page - STMicroelectronics ST20-JPI110 Datasheet HTML 3Page - STMicroelectronics ST20-JPI110 Datasheet HTML 4Page - STMicroelectronics ST20-JPI110 Datasheet HTML 5Page - STMicroelectronics ST20-JPI110 Datasheet HTML 6Page - STMicroelectronics ST20-JPI110 Datasheet HTML 7Page - STMicroelectronics ST20-JPI110 Datasheet HTML 8Page - STMicroelectronics ST20-JPI110 Datasheet HTML 9Page - STMicroelectronics ST20-JPI110 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ST20-JPI
8/10
®
3.5
TrigIn/TrigOut SMB Coaxial Connectors
The two coaxial SMB connectors to the left of the LEDs are used to connect the ST20-JPI to a
Logic Analyser. They are used to signal between the Host, Target and Logical Analyser when an
event occurs. If, for instance, an event occurs on the Target processor, the TrigOut signal is
triggered which could start the Logic Analyser tracing an external event, so aiding software/
hardware debugging.
3.6
Power Supply Connector
The ST20-JPI uses a 2.5mm power connector. The voltage range is 8-13V dc.
4
Recommended Target Circuitry
To ensure correct connection to the target processor, the following circuit should be used:
GND
TrigIn/Out
GND
+V
ST20
10K
TDI
TMS
TCK
notTRST
TrigIn
TrigOut
notRST
TDO
VCC
ST20-JPI
Target Board
Board PowerOnReset



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com