Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6920DC Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6920DC
Description  Synchronous rectifier step up converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6920DC Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6920DC Datasheet HTML 2Page - STMicroelectronics L6920DC Datasheet HTML 3Page - STMicroelectronics L6920DC Datasheet HTML 4Page - STMicroelectronics L6920DC Datasheet HTML 5Page - STMicroelectronics L6920DC Datasheet HTML 6Page - STMicroelectronics L6920DC Datasheet HTML 7Page - STMicroelectronics L6920DC Datasheet HTML 8Page - STMicroelectronics L6920DC Datasheet HTML 9Page - STMicroelectronics L6920DC Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Typical performance
L6920DC
6/16
4
Typical performance
Figure 2.
Efficiency vs output current @ VOUT = 3.3V
Figure 3.
Efficiency vs output current @ VOUT = 5V
Figure 4.
Start up voltage vs output current @ Vout = 5V & Vout = 3.3V
40
45
50
55
60
65
70
75
80
85
90
95
0.1
1
10
100
1000
Vin=2.4V
Vin=1.2V
L6920DB
Vout=3.3V
L=10µH
Cout=47µF
Cin=10µF
L6920DC
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Vin=3.6V
Vin=2.4V
Vin=1.2V
L6920DB
Vout=5V
L=10µH
Cout=47µF
Cin=10µF
L6920DC
VStart up vs . out put cur rent
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
0.1
1
10
100
1000
Out put cu rrent (mA)
VStart up v s. output current
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
0.1
1
10
100
1000
Output current (mA)
Vout =3.3V
Vout =5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com