Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6920DC Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6920DC
Description  Synchronous rectifier step up converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6920DC Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6920DC Datasheet HTML 7Page - STMicroelectronics L6920DC Datasheet HTML 8Page - STMicroelectronics L6920DC Datasheet HTML 9Page - STMicroelectronics L6920DC Datasheet HTML 10Page - STMicroelectronics L6920DC Datasheet HTML 11Page - STMicroelectronics L6920DC Datasheet HTML 12Page - STMicroelectronics L6920DC Datasheet HTML 13Page - STMicroelectronics L6920DC Datasheet HTML 14Page - STMicroelectronics L6920DC Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
L6920DC
Detailed description
11/16
Figure 9.
Test circuit
Table 5. Output voltage connection
Vout = 3.3V
FB pin connected to OUT (see application circuit)
Vout = 5V
FB pin connected to GND
1.8V < Vout < 5.5V
FB pin connected to a resistive divider V
out
1.23V
1
R4
R5
--------
+
⎝⎠
⎛⎞
⋅
=
V
BATT
LBI
V
OUT
V
REF
GND
___
LBO
_____
SHDN
FB
1
2
3
4
5
6
7
8
L6920DB
V
BATT=1.5V
V
OUT=2.5V
C4
100nF
C1
47
µF
C2
47
µF
L1 10
µH
R4
200K
Ω
R5
200K
Ω
R3
R1
R2
V
BATT
LBI
V
OUT
V
REF
GND
___
LBO
_____
SHDN
FB
1
2
3
4
5
6
7
8
L6920DB
V
BATT=1.5V
V
OUT=2.5V
C4
100nF
C1
47
µF
C2
47
µF
L1 10
µH
R4
200K
Ω
R5
200K
Ω
R3
R1
R2
L6920DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com