Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF16NF25 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF16NF25
Description  N-channel 250V - 0.195Ω - 13A - DPAK/TO-220/TO-220FP Low gate charge STripFET??II Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF16NF25 Datasheet(HTML) 1 Page - STMicroelectronics

  STF16NF25 Datasheet HTML 1Page - STMicroelectronics STF16NF25 Datasheet HTML 2Page - STMicroelectronics STF16NF25 Datasheet HTML 3Page - STMicroelectronics STF16NF25 Datasheet HTML 4Page - STMicroelectronics STF16NF25 Datasheet HTML 5Page - STMicroelectronics STF16NF25 Datasheet HTML 6Page - STMicroelectronics STF16NF25 Datasheet HTML 7Page - STMicroelectronics STF16NF25 Datasheet HTML 8Page - STMicroelectronics STF16NF25 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
October 2007
Rev 2
1/16
16
STD16NF25
STF16NF25 - STP16NF25
N-channel 250V - 0.195
Ω - 13A - DPAK/TO-220/TO-220FP
Low gate charge STripFET™ II Power MOSFET
Features
■ Exceptional dv/dt capability
■ 100% avalanche tested
■ Application oriented characterization
Application
■ Switching applications
Description
This Power MOSFET series realized with
STMicroelectronics unique STripFET™ process
has specifically been designed to minimize input
capacitance and gate charge. It is therefore
suitable as primary switch in advanced high-
efficiency, high-frequency isolated DC-DC
converters for Telecom and Computer
applications. It is also intended for any
applications with low gate drive requirements.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
Max
ID
Pw
STD16NF25
250V
<0.235
Ω
13A
90W
STF16NF25
250V
<0.235
Ω
13A(1)
1.
Limited only by maximum temperature allowed
25W
STP16NF25
250V
<0.235
Ω
13A
90W
DPAK
1
2
3
TO-220FP
TO-220
1
2
3
1
3
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STD16NF25
16NF25
DPAK
Tape & reel
STF16NF25
16NF25
TO-220FP
Tube
STP16NF25
16NF25
TO-220
Tube
www.st.com


Similar Part No. - STF16NF25

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF16NF25 ISC-STF16NF25 Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF16NF25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB14NF10 STMICROELECTRONICS-STB14NF10 Datasheet
464Kb / 11P
N-CHANNEL 100V - 0.115 ohm - 15A TO-220/TO-220FP/D2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET
June 2002
STP14NF12 STMICROELECTRONICS-STP14NF12 Datasheet
345Kb / 9P
N-CHANNEL 120V - 0.16ohm - 14A TO-220/TO-220FP LOW GATE CHARGE STripFET™ POWER MOSFET
August 2002
STD20N20 STMICROELECTRONICS-STD20N20 Datasheet
405Kb / 13P
N-CHANNEL 200V - 0.10 OHM - 18A TO-220/TO-220FP/DPAK LOW GATE CHARGE STripFET II MOSFET
12-Jan-2005
STP14NF12 STMICROELECTRONICS-STP14NF12_06 Datasheet
311Kb / 14P
N-channel 120V - 0.16OHM - 14A - TO-220/TO-220FP Low gate charge STripFET TM II Power MOSFET
09-Aug-2006
STB14NF10 STMICROELECTRONICS-STB14NF10_07 Datasheet
516Kb / 16P
N-channel 100V - 0.115廓 - 15A - D2PAK/TO-220/TO-220FP Low gate charge STripFET??II Power MOSFET
19-Jun-2006
STD20NF20 STMICROELECTRONICS-STD20NF20 Datasheet
505Kb / 16P
N-channel 200V - 0.10廓 -18A- DPAK/TO-220/TO-220FP Low gate charge STripFET??Power MOSFET
17-Apr-2007
STB30NF10 STMICROELECTRONICS-STB30NF10_06 Datasheet
510Kb / 16P
N-channel 100V - 0.038Ω - 35A - D2PAK/TO-220/TO-220FP Low gate charge STripFET??II Power MOSFET
26-Jun-2006
STI17NF25 STMICROELECTRONICS-STI17NF25 Datasheet
518Kb / 17P
N-channel 250V - 0.14Ω - 17A - TO-220/FP - DPAK - I2PAK Low gate charge STripFET??II Power MOSFET
01-Feb-2007
STD40NF10 STMICROELECTRONICS-STD40NF10 Datasheet
379Kb / 15P
N-channel 100V - 0.025Ω - 50A TO-220 / DPAK Low gate charge STripFET??II Power MOSFET
19-Sep-2007
STD20NF20 STMICROELECTRONICS-STD20NF20_09 Datasheet
915Kb / 15P
N-channel 200 V, 0.10 Ω, 18 A DPAK, TO-220, TO-220FP low gate charge STripFET??Power MOSFET
10-Dec-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com