Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF16NF25 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STF16NF25
Description  N-channel 250V - 0.195Ω - 13A - DPAK/TO-220/TO-220FP Low gate charge STripFET??II Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF16NF25 Datasheet(HTML) 3 Page - STMicroelectronics

  STF16NF25 Datasheet HTML 1Page - STMicroelectronics STF16NF25 Datasheet HTML 2Page - STMicroelectronics STF16NF25 Datasheet HTML 3Page - STMicroelectronics STF16NF25 Datasheet HTML 4Page - STMicroelectronics STF16NF25 Datasheet HTML 5Page - STMicroelectronics STF16NF25 Datasheet HTML 6Page - STMicroelectronics STF16NF25 Datasheet HTML 7Page - STMicroelectronics STF16NF25 Datasheet HTML 8Page - STMicroelectronics STF16NF25 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STD16NF25 - STF16NF25 - STP16NF25
Electrical ratings
3/16
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
DPAK
TO-220
TO-220FP
VDS
Drain-source voltage (VGS = 0)
250
V
VGS
Gate- source voltage
± 20
V
ID
Drain current (continuous) at TC = 25°C
13
13(1)
1.
Limited only by maximum temperature allowed
A
ID
Drain current (continuous) at TC = 100°C
8.19
8.19(1)
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
52
52(1)
A
Ptot
Total dissipation at TC = 25°C
90
25
W
Derating Factor
0.72
0.2
W/°C
dv/dt (3)
3.
ISD ≤ 13A, di/dt ≤ 300A/µs, VDD ≤ 80% V(BR)DSS, Tj ≤ TJMAX
Peak diode recovery voltage slope
15
V/ns
VISO
Insulation withstand voltage (RMS) from
all three leads to external heat sink
(t=1s;TC=25°C)
--
2500
V
Tstg
Storage temperature
-55 to 150
°C
Tj
Max. operating junction temperature
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
TO-220
DPAK
TO-220FP
Rthj-case
Thermal resistance junction-case max
1.39
5
°C/W
Rthj-pcb
Thermal resistance junction to pcb max
--
50
--
°C/W
Rthj-amb
Thermal resistance junction-ambient max
62.5
100
62.5
°C/W
TJ
Maximum lead temperature for soldering
purpose
300
°C
Table 4.
Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj Max)
13
A
EAS
Single pulse avalanche energy
(starting Tj=25°C, Id= 13A, Vdd=50V)
100
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com