Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST202E Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST202E
Description  ± 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST202E Datasheet(HTML) 1 Page - STMicroelectronics

  ST202E Datasheet HTML 1Page - STMicroelectronics ST202E Datasheet HTML 2Page - STMicroelectronics ST202E Datasheet HTML 3Page - STMicroelectronics ST202E Datasheet HTML 4Page - STMicroelectronics ST202E Datasheet HTML 5Page - STMicroelectronics ST202E Datasheet HTML 6Page - STMicroelectronics ST202E Datasheet HTML 7Page - STMicroelectronics ST202E Datasheet HTML 8Page - STMicroelectronics ST202E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ST202E
ST232E
± 15KV ESD PROTECTED
5V RS-232 TRANSCEIVER
®
April 2000
s
ESD PROTECTION FOR RS-232 I/O PINS:
± 15 KV HUMAN BODY MODEL
s
GUARANTEED 120 kbps DATE RATE
s
GUARANTEED SLEW RATE RANGE 3 to
30V/
µs
s
OPERATE FROM A SINGLE 5V POWER
SUPPLY
DESCRIPTION
The ST202E/ST232E are a 2 driver 2 receiver
devices
designed
for
RS-232
and
V.28
communications in harsh enviroments. Each
transmitter output and receiver input is protected
against
± 15KV electrostatic discharge (ESD)
shocks. The drivers meet all EIA/TIA-232E and
CCITT V.28 specifications at data rates up to
120Kbps, when loaded in accordance with the
EIA/TIA-232E specification.
The ST202E/232E use a single 5V supply
voltage.
The ST232E operates with four 1
µF capacitors,
D
(Micro Package)
N
(Plastic Package)
W
(Micro Package Large)
T
(TSSOP Package)
ORDER CODES
T ype
Temperature
Rang e
Packag e
Co mmen ts
ST202ECN
ST232ECN
0 to 70
oC
DIP-16
25 parts per tube / 40 tube per box
ST202EBN
ST232EBN
-40 to 85
oC
DIP-16
25 parts per tube / 40 tube per box
ST202ECD
ST232ECD
0 to 70
oC
SO-16 (Tube)
50 parts per tube / 20 tube per box
ST202EBD
ST232EBD
-40 to 85
oC
SO-16 (Tube)
50 parts per tube / 20 tube per box
ST202ECDR
ST232ECDR
0 to 70
oC
SO-16 (Tape & Reel)
2500 parts per reel
ST202EBDR
ST232EBDR
-40 to 85
oC
SO-16 (Tape & Reel)
2500 parts per reel
ST202ECW
ST232ECW
0 to 70
oC
SO-16 Large (Tube)
50 parts per tube / 20 tube per box
ST202EBW
ST232EBW
-40 to 85
oC
SO-16 Large (Tube)
50 parts per tube / 20 tube per box
ST202ECWR
ST232ECWR
0 to 70
oC
SO-16 Large (Tape & Reel)
1000 parts per reel
ST202EBWR
ST232EBWR
-40 to 85
oC
SO-16 Large (Tape & Reel)
1000 parts per reel
ST202ECTR
ST232ECTR
0 to 70
oC
TSSOP16 (Tape & Reel)
2500 parts per reel
ST202EBTR
ST232EBTR
-40 to 85
oC
TSSOP16 (Tape & Reel)
2500 parts per reel
while the ST202E operates with four 0.1
µF
capacitors, further reducing cost and board
space.
1/12


Similar Part No. - ST202E

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
ST202E104CAR AVX-ST202E104CAR Datasheet
461Kb / 14P
Radial Leads/SkyCap짰/SR Series
ST202E104CARAP1 AVX-ST202E104CARAP1 Datasheet
461Kb / 14P
Radial Leads/SkyCap짰/SR Series
ST202E104CART AVX-ST202E104CART Datasheet
461Kb / 14P
Radial Leads/SkyCap짰/SR Series
ST202E104CARTR1 AVX-ST202E104CARTR1 Datasheet
461Kb / 14P
Radial Leads/SkyCap짰/SR Series
ST202E104DAR AVX-ST202E104DAR Datasheet
461Kb / 14P
Radial Leads/SkyCap짰/SR Series
More results

Similar Description - ST202E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST207E STMICROELECTRONICS-ST207E Datasheet
62Kb / 9P
± 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
Jun-2000
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX221E MAXIM-MAX221E Datasheet
177Kb / 12P
±15kV ESD-Protected, 5V, 1uA, Single RS-232 Transceiver with AutoShutdown
Rev 0; 8/99
logo
STMicroelectronics
ST207E STMICROELECTRONICS-ST207E_06 Datasheet
507Kb / 17P
짹 15kV ESD protected 5V RS-232 transceiver
14-Mar-2006
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Intersil Corporation
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com