Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST202E Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST202E
Description  ± 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST202E Datasheet(HTML) 3 Page - STMicroelectronics

  ST202E Datasheet HTML 1Page - STMicroelectronics ST202E Datasheet HTML 2Page - STMicroelectronics ST202E Datasheet HTML 3Page - STMicroelectronics ST202E Datasheet HTML 4Page - STMicroelectronics ST202E Datasheet HTML 5Page - STMicroelectronics ST202E Datasheet HTML 6Page - STMicroelectronics ST202E Datasheet HTML 7Page - STMicroelectronics ST202E Datasheet HTML 8Page - STMicroelectronics ST202E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ELECTRICAL CHARACTERISTICS
(C1 -C4 = 0.1
µF for ST202E, C1 -C4 =1µF for ST232E, VCC =5V ± 10% TA = -40 to 85 oC,
unless otherwise specified. Typical Valus are referred to TA =25
oC)
Symb ol
Parameter
T est Con ditio ns
Value
Un it
Min.
T yp.
Max.
ISUPPLY VCC Power Supply Current
No Load,
TA =25
oC
5
10
mA
ABSOLUTE MAXIMUM RATINGS (Note 1)
Symbol
Parameter
Val ue
Unit
VCC
Supply Voltage
-0.3 to 6
V
V+
Extra Positive Voltage
(VCC - 0.3) to 14
V
V-
Extra Negative Voltage
-14 to 0.3
V
TIN
Transmitter Input Voltage Range
-0.3 to (V+ + 0.3)
V
RIN
Receiver Input Voltage Range
±30
V
TOUT
Transmitter Output Voltage Range
(V- - 0.3) to (V+ + 0.3)
V
ROUT
Receiver Output Voltage Range
-0.3 to (VCC + 0.3)
V
TSCTOUT
Short Circuit Duration on TOUT
infinite
Tstg
Storage Temperature Range
-65 to +150
oC
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
TRANSMITTER ELECTRICAL CHARACTERISTICS
(C1 -C4 = 0.1
µF for ST202E, C1 -C4 =1µF for ST232, VCC =5V ± 10%, TA = -40 to 85 oC,
unless otherwise specified. Typical Valus are referred to TA =25
oC)
Symb ol
Parameter
T est Con ditio ns
Value
Un it
Min.
T yp.
Max.
VTOUT
Output Voltage Swing
All Transmitter outputs are loaded
with 3K
Ω to GND
±5
±9V
ITIL
Logic Pull-Up Current
TIN =0 V to VCC
±10
µA
VTIL
Input Logic Threshold Low
0.8
V
VTIH
Input Logic Threshold High
2
V
SRT
Transition Slew Rate
TA =25
oC, VCC =5 V,
RL =3 to 7 K
Ω,
CL= 50 to 1000 pF (Note 1)
3
6
30
V/
µs
DR
Data Rate
RL =3 to 7 K
Ω,CL= 50 to 1000 pF
one trasmitter switching
230
400
Kbits/s
RTOUT
Transmitter Output Resistance VCC = V+ = V- = 0V
VOUT =
± 2V
300
ISC
Transmitter Output Short
Circuit Current
±10
±60
mA
tDT
Trasmitter Propagation Delay
RL =3 K
Ω,CL= 2500 pF
All trasmitter loaded
2
µA
Note 1: Measured from 3V to -3Vor from -3V to 3V.
Note 2: One trasmitter output is loaded with RL =3K
Ω to7KΩ,CL = 50to 1000pF
ST202E/ST232E
3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com