Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST207E Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST207E
Description  ± 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST207E Datasheet(HTML) 1 Page - STMicroelectronics

  ST207E Datasheet HTML 1Page - STMicroelectronics ST207E Datasheet HTML 2Page - STMicroelectronics ST207E Datasheet HTML 3Page - STMicroelectronics ST207E Datasheet HTML 4Page - STMicroelectronics ST207E Datasheet HTML 5Page - STMicroelectronics ST207E Datasheet HTML 6Page - STMicroelectronics ST207E Datasheet HTML 7Page - STMicroelectronics ST207E Datasheet HTML 8Page - STMicroelectronics ST207E Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ST207E
± 15KV ESD PROTECTED
5V RS-232 TRANSCEIVER
PRELIMINARY DATA
®
June 2000
s
ESD PROTECTION FOR RS-232 I/O PINS:
± 15 KV HUMAN BODY MODEL
s
GUARANTEED 120kbpsDATE RATE -
LapLink
™ COMPATIBLE
s
GUARANTEED SLEW RATE 3V/
µs (Min)
s
OPERATE FROM A SINGLE 5V POWER
SUPPLY
s
PACKAGED IN SO-24, SSO-24 AND TSSOP24
PACKAGES
DESCRIPTION
The ST207E is a 5 driver and 3 receiver devices
designed for RS-232 and V.28 communications in
harsh enviroments. Each transmitter output and
receiver
input
is
protected against
±15KV
electrostatic discharge (ESD) shocks. The drivers
and
receivers
of
the
ST207E
meet
all
EIA/TIA-232E and CCITT V.28 specifications at
data rates up to 120Kbps, when loaded in
accordance with the EIA/TIA-232E specification.
The ST207E operates with four 0.1
µF capacitors.
It cames in 24-pin SO and TSSOP packages.
D
(Micro Package Large)
T
(TSSOP Package)
ORDER CODES
T ype
Temperature
Range
Packag e
Co mmen ts
ST207ECD
0 to 70
oC
SO-24 (Tube)
33 parts per tube / 25 tube per box
ST207EBD
-40 to 85
oC
SO-24 (Tube)
33 parts per tube / 25 tube per box
ST207ECDR
0 to 70
oC
SO-24 (Tape & Reel)
1000 parts per reel
ST207EBDR
-40 to 85
oC
SO-24 (Tape & Reel)
1000 parts per reel
ST207ECTR
0 to 70
oC
TSSOP24 (Tape & Reel)
2500 parts per reel
ST207EBTR
-40 to 85
oC
TSSOP24 (Tape & Reel)
2500 parts per reel
ST207ECPR
0 to 70
oC
SSOP24 (Tape & Reel)
ST207EBPR
-40 to 85
oC
SSOP24 (Tape & Reel)
P
(SSOP Package)
1/9


Similar Part No. - ST207E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST207E STMICROELECTRONICS-ST207E Datasheet
507Kb / 17P
짹 15kV ESD protected 5V RS-232 transceiver
14-Mar-2006
logo
AVX Corporation
ST207E104CAR AVX-ST207E104CAR Datasheet
461Kb / 14P
Radial Leads/SkyCap짰/SR Series
ST207E104CARAP1 AVX-ST207E104CARAP1 Datasheet
461Kb / 14P
Radial Leads/SkyCap짰/SR Series
ST207E104CART AVX-ST207E104CART Datasheet
461Kb / 14P
Radial Leads/SkyCap짰/SR Series
ST207E104CARTR1 AVX-ST207E104CARTR1 Datasheet
461Kb / 14P
Radial Leads/SkyCap짰/SR Series
More results

Similar Description - ST207E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST202E STMICROELECTRONICS-ST202E Datasheet
95Kb / 12P
± 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
Apr-2000
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX221E MAXIM-MAX221E Datasheet
177Kb / 12P
±15kV ESD-Protected, 5V, 1uA, Single RS-232 Transceiver with AutoShutdown
Rev 0; 8/99
logo
STMicroelectronics
ST207E STMICROELECTRONICS-ST207E_06 Datasheet
507Kb / 17P
짹 15kV ESD protected 5V RS-232 transceiver
14-Mar-2006
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Intersil Corporation
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com