Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST207E Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST207E
Description  ± 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST207E Datasheet(HTML) 3 Page - STMicroelectronics

  ST207E Datasheet HTML 1Page - STMicroelectronics ST207E Datasheet HTML 2Page - STMicroelectronics ST207E Datasheet HTML 3Page - STMicroelectronics ST207E Datasheet HTML 4Page - STMicroelectronics ST207E Datasheet HTML 5Page - STMicroelectronics ST207E Datasheet HTML 6Page - STMicroelectronics ST207E Datasheet HTML 7Page - STMicroelectronics ST207E Datasheet HTML 8Page - STMicroelectronics ST207E Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ESD PERFORMANCE: TRANSMITTER OUTPUTS, RECEIVER INPUTS
Symb ol
Parameter
T est Con ditio ns
Value
Un it
Min.
T yp.
Max.
ESD
ESD Protection Voltage
Human Body Model
±15
kV
ABSOLUTE MAXIMUM RATINGS (Note 1)
Symbol
Parameter
Val ue
Unit
VCC
Supply Voltage
-0.3 to 6
V
V+
Extra Positive Voltage
(VCC - 0.3) to 14
V
V-
Extra Negative Voltage
-14 to 0.3
V
TIN
Transmitter Input Voltage Range
-0.3 to (VCC + 0.3)
V
RIN
Receiver Input Voltage Range
±30
V
TOUT
Transmitter Output Voltage Range
(V- - 0.3) to (V+ + 0.3)
V
ROUT
Receiver Output Voltage Range
-0.3 to (VCC + 0.3)
V
TSCTOUT
Short Circuit Duration on TOUT
Continuous
Tstg
Storage Temperature Range
-65 to +150
oC
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
ELECTRICAL CHARACTERISTICS (C1 -C4 = 0.1
µF, VCC =5V ± 5% TA = Min to Max, unless
otherwise specified. Typical Valus are referred to TA =25
oC)
Symb ol
Parameter
T est Con ditio ns
Value
Un it
Min.
T yp.
Max.
ISUPPLY VCC Power Supply Current
No Load,
TA =25
oC2
5
mA
RECEIVER ELECTRICAL CHARACTERISTICS (C1 -C4 = 0.1
µF, VCC =5V ± 5% TA = Min to Max,
unless otherwise specified. Typical Valus are referred to TA =25
oC)
Symb ol
Parameter
T est Con ditio ns
Value
Un it
Min.
T yp.
Max.
VRIN
Receiver Input Voltage
Operating Range
-30
30
V
VRIL
Input Threshold Low
TA =25
oC, VCC = 5 V
0.8
1.2
V
VRIH
Input Threshold High
TA =25
oC, VCC = 5 V
1.7
2.4
V
VRIHYS
Input Hysteresis
VCC = 5 V, no hysteresis in shutdown
0.2
0.5
1
V
RRIN
Input Resistance
TA =25
oC, V
CC = 5 V
357
K
VOL
Output Voltage Low
0.4
V
VOH
Output Voltage High
IOUT = -1mA
3.5
VCC-0.4
V
ST207E
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com