Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20CX Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST20CX
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20CX Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST20CX Datasheet HTML 9Page - STMicroelectronics ST20CX Datasheet HTML 10Page - STMicroelectronics ST20CX Datasheet HTML 11Page - STMicroelectronics ST20CX Datasheet HTML 12Page - STMicroelectronics ST20CX Datasheet HTML 13Page - STMicroelectronics ST20CX Datasheet HTML 14Page - STMicroelectronics ST20CX Datasheet HTML 15Page - STMicroelectronics ST20CX Datasheet HTML 16Page - STMicroelectronics ST20CX Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 212 page
background image
13/212
®
Product identity values
These are values returned by the
lddevid and ldprodid instructions. For specific
product ids in the ST20 family refer to SGS-THOMSON.
1.10 Operators used in the definitions
Modulo operators
Arithmetic on addresses is done using
modulo arithmetic — i.e. there is no checking
for errors and, if the calculation overflows, the result ‘wraps around’ the range of
values representable in the word length of the processor — e.g. adding 1 to the
address at the top of the address map produces the address of the byte at the bottom
of the address map. There is also a number of instructions for performing modulo
arithmetic, such as
sum, prod, etc. These operators are represented by the symbols
‘
+’, ‘−’, etc.
Name
Value
Meaning
DeviceId
Depends on pro-
cessor type. See
below.
A value used to identify the type and revision of processor.
Returned by the
ldprodid and lddevid instructions.
Disabling.p
MostNeg + #03
#80000003
Stored in the pw.State location while an alternative is being
disabled.
Enabling.p
MostNeg + #01
#80000001
Stored in the pw.State location while an alternative is being
enabled.
false
0 The boolean value ‘false’.
NoneSelected.o
-1
#FFFFFFFF
Stored in the pw.Temp slot of a process’ workspace while no
branch of an alternative has yet been selected during the
waiting and disabling phases.
NotProcess.p
MostNeg
#80000000
Used, wherever a process descriptor is expected, to indicate
that there is no process.
Ready.p
MostNeg + #03
#80000003
Stored in the pw.State location during the enabling phase of
an alternative, to indicate that a guard is ready.
TimeNotSet.p
MostNeg + #02
#80000002
Stored in pw.TLink location during enabling of a timer alter-
native after a time to wait for has been encountered.
TimeSet.p
MostNeg + #01
#80000001
Stored in pw.TLink location during enabling of a timer alter-
native after a time to wait for has been encountered.
true
1 The boolean value ‘true’.
Waiting.p
MostNeg + #02
#80000002
Stored in the pw.State location by
altwt and taltwt to indicate
that the alternative is waiting.
HighPriority
0 High priority
LowPriority
1 Low priority
Table 1.6 Constants used within the ST20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com