Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20CX Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST20CX
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20CX Datasheet(HTML) 5 Page - STMicroelectronics

  ST20CX Datasheet HTML 1Page - STMicroelectronics ST20CX Datasheet HTML 2Page - STMicroelectronics ST20CX Datasheet HTML 3Page - STMicroelectronics ST20CX Datasheet HTML 4Page - STMicroelectronics ST20CX Datasheet HTML 5Page - STMicroelectronics ST20CX Datasheet HTML 6Page - STMicroelectronics ST20CX Datasheet HTML 7Page - STMicroelectronics ST20CX Datasheet HTML 8Page - STMicroelectronics ST20CX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 212 page
background image
5/212
®
1
Introduction
This manual provides a summary and reference to the ST20 instruction set for C2 and
C4 cores. The instructions are listed in alphabetical order, one to a page. Descriptions
are presented in a standard format with the instruction mnemonic and full name of the
instruction at the top of the page, followed by these categories of information:
• Code: the instruction code;
• Description: a brief summary of the purpose and behavior of the instruction;
• Definition: a more complete description of the instruction, using the notation
described below in section 1.7;
• Error signals: a list of errors and other signals which can occur;
• Comments: a list of other important features of the instruction;
• See also: for some instructions, a cross reference is provided to other instruc-
tions with a related function.
These categories are explained in more detail below, using the
add instruction as an
example.
1.1
Instruction name
The header at the top of each page shows the instruction mnemonic and, on the right,
the full name of the instruction. For primary instructions the mnemonic is followed by
‘n’ to indicate the operand to the instruction; the same notation is used in the
description to show how the operand is used.
1.2
Code
For secondar y instructions the instruction ‘operation code’ is shown as the memory
code — the actual bytes, including any prefixes, which are stored in memory. The
value is given as a sequence of bytes in hexadecimal, decoded left to right. The codes
are stored in memory in ‘little-endian’ format — with the first byte at the lowest
address.
For primary instructions the code stored in memory is determined partly by the value
of the operand to the instruction. In this case the op-code is shown as ‘Function
x’
where
x is the function code in the last byte of the instruction. For example, adc (add
constant) is shown as ‘Function 8’.
Example
The entry for the
add instruction is:
Code:F5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com