Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LANF Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # LANF
Description  Up to 1.8 Watts DC/DC Converter Single and Dual Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANF Datasheet(HTML) 2 Page - Wall Industries,Inc.

  LANF Datasheet HTML 1Page - Wall Industries,Inc. LANF Datasheet HTML 2Page - Wall Industries,Inc. LANF Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LAN F SERIES
Up to 1.8 Watts
DC/DC Converter
Single and Dual Output
OUTPUT VOLTAGE / CURRENT RATING CHART
Model (See Note 2)
Input Voltage Range
Output Voltage
Output Current
LANF505N
5 VDC
300 mA
LANF509N
9 VDC
170 mA
LANF512N
12 VDC
125 mA
LAN5515N
15 VDC
100 mA
LANF524N
24 VDC
65 mA
LANF505ND
±5 VDC
100 mA
LANF512ND
±12 VDC
60 mA
LAN5515ND
5 VDC
4.5 – 5.5 VDC
±15 VDC
50 mA
LANF1205N
5 VDC
300 mA
LANF1209N
9 VDC
170 mA
LANF1212N
12 VDC
125 mA
LANF1215N
15 VDC
100 mA
LANF1224N
24 VDC
65 mA
LANF1205ND
±5 VDC
100 mA
LANF1212ND
±12 VDC
60 mA
LANF1215ND
12 VDC
10.8 – 13.2 VDC
±15 VDC
50 mA
LANF1505N
5 VDC
300 mA
LANF1509N
9 VDC
170 mA
LANF1512N
12 VDC
125 mA
LANF1515N
15 VDC
100 mA
LANF1524N
24 VDC
65 mA
LANF1505ND
±5 VDC
100 mA
LANF1512ND
±12 VDC
60 mA
LANF1515ND
15 VDC
13.5 – 16.5 VDC
±15 VDC
50 mA
LANF2405N
5 VDC
300 mA
LANF2409N
9 VDC
170 mA
LANF2412N
12 VDC
125 mA
LANF2415N
15 VDC
100 mA
LANF2424N
24 VDC
65 mA
LANF2405ND
±5 VDC
100 mA
LANF2412ND
±12 VDC
60 mA
LANF2415ND
24 VDC
21.6 – 26.4 VDC
±15 VDC
50 mA
NOTES
1. All case and pin-to-case dimensions reference only unless otherwise noted.
2. All LANF models can be regulated, substitute “R” for “N” in last digits of part number (Ex: LANF2415R).
3. Add “H” onto the end of LANF part number for 3000VDC isolation (Ex: LANF2415NH).
4. For RoHS type add the suffix “-NL” to part number (Ex: LANF2415N-NL).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com