Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LANF Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # LANF
Description  Up to 1.8 Watts DC/DC Converter Single and Dual Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANF Datasheet(HTML) 1 Page - Wall Industries,Inc.

  LANF Datasheet HTML 1Page - Wall Industries,Inc. LANF Datasheet HTML 2Page - Wall Industries,Inc. LANF Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LAN F SERIES
Up to 1.8 Watts
DC/DC Converter
Single and Dual Output
FEATURES
● Low Ripple and Noise
● Single and Dual Output
● Ultra Miniature SIP: 12 Pin
● RoHS Approved Type Available
● Regulated and Non-Regulated Versions Available
● Two Levels of I/O Isolation Available: 500VDC or 3KVDC
SPECIFICATIONS: LAN F Series
All specifications apply @ ±25°C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range .......5V nom. input .................. 4.5 – 5.5VDC
12V nom. input ............ 10.8 – 13.2VDC
15V nom. input ............ 13.5 – 16.5VDC
24V nom. input ............ 21.6 – 26.4VDC
Input Filter ................................................................... Pi Network.
OUTPUT SPECIFICATIONS
Output Current ................................................................ see table
Output Voltage ................................................................ see table
Voltage Tolerance (nom. Line 100% load) ............................. ±5%
Line Regulation
Regulated...............................................................±0.5% max.
Non-Regulated ................................................. ±1.2%/% of Vin
Load Regulation
Regulated....................................................................... ±0.5%
Non-Regulated (load 20% to 100%)................................ ±10%
Ripple/Noise (20 MHz BW) .................................... 50mVp-p max.
PROTECTION
Short Circuit Protection ................................................. Continuous
GENERAL SPECIFICATIONS
Efficiency
Regulated ........................................................... 55 to 65% typ.
Non-Regulated.................................................... 70 to 75% typ.
Switching Frequency ....................................................20KHz min.
Isolation Voltage (input to output) ................. 500VDC or 3000VDC
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature .......................................... -25°C to +71°C
Storage Temperature............................................. -40°C to+100°C
Cooling .............................................................Free air convection
PHYSICAL SPECIFICATIONS
Dimensions .............................. 1.25(L) x 0.34(W) x 0.57(H) inches
Case Material..................................... Non-conductive black plastic
Due to advances in technology, specifications subject to change without notice


Similar Part No. - LANF

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANF WALL-LANF Datasheet
383Kb / 5P
Up to 1.8 Watts DC/DC Converter Single and Dual Outputs
LANF1205N WALL-LANF1205N Datasheet
383Kb / 5P
Up to 1.8 Watts DC/DC Converter Single and Dual Outputs
LANF1205ND WALL-LANF1205ND Datasheet
383Kb / 5P
Up to 1.8 Watts DC/DC Converter Single and Dual Outputs
LANF1209N WALL-LANF1209N Datasheet
383Kb / 5P
Up to 1.8 Watts DC/DC Converter Single and Dual Outputs
LANF1209ND WALL-LANF1209ND Datasheet
383Kb / 5P
Up to 1.8 Watts DC/DC Converter Single and Dual Outputs
More results

Similar Description - LANF

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANE WALL-LANE Datasheet
140Kb / 4P
Up to 2 Watts DC/DC Converter Single and Dual Output
DCSDW01 WALL-DCSDW01 Datasheet
433Kb / 6P
Up to 1.08 Watts DC/DC Converter Single and Dual Output
LANF WALL-LANF_18 Datasheet
383Kb / 5P
Up to 1.8 Watts DC/DC Converter Single and Dual Outputs
DCSDW02 WALL-DCSDW02 Datasheet
310Kb / 5P
Up to 2.01 Watts DC/DC Converter Single and Dual Outputs
DCSDW03 WALL-DCSDW03 Datasheet
314Kb / 5P
Up to 3 Watts DC/DC Converter Single and Dual Output
DCSDW05 WALL-DCSDW05 Datasheet
306Kb / 5P
Up to 5.04 Watts DC/DC Converter Single and Dual Output
LANC-LN WALL-LANC-LN Datasheet
395Kb / 6P
Up to 5 Watts DC-DC Converter Single and Dual Output
DCPDL09 WALL-DCPDL09 Datasheet
555Kb / 6P
Up to 9 Watts DC DC Converter Single and Dual Outputs
DCLSR01 WALL-DCLSR01 Datasheet
336Kb / 5P
Up to 15 Watts DC/DC Converter Single Output
JFCW WALL-JFCW Datasheet
863Kb / 11P
Up to 15 Watts DC/DC Converter Single Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com