Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LANS Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # LANS
Description  TO 1.8 WATTS 16 pin SMD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANS Datasheet(HTML) 2 Page - Wall Industries,Inc.

  LANS Datasheet HTML 1Page - Wall Industries,Inc. LANS Datasheet HTML 2Page - Wall Industries,Inc. LANS Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPECIFICATIONS
All specifications apply at 25ºC unless otherwise noted
.
DATA SHEET
LANS SERIES
TO 1.8 WATTS
www.wallindustries.com
2
603 778 2300
2/18/04
SPECIFICATION
VALUE
INPUT
Input Voltage Range
5,12VDC +/-5%
OUTPUT
Output Current
see model information table
Voltage Accuracy
+/-5%
Line Regulation (10 to 100% F.L.)
+/-1.2%
Load Regulation (10-100% load)
+/-10%
Short Circuit Protection
short term
Ripple/Noise (20MHz BW)
100mV p-p
GENERAL
Efficiency
see table
Isolation Voltage (input to output)
2000Vrms
Isolation Resistance (input to output)
100mohms min@500VDC
Switching Frequency
100kHz
ENVIRONMENTAL
Operating Temperature (ambient)
0°C to +70°C
Storage Temperature
-40°C to +100°C
Cooling
natural convection
PHYSICAL
Dimensions
L 1.0 x W 0.385 x H 0.440 inches
Case Material
black plastic
due to advances in technology, specifications subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com