Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LANS Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # LANS
Description  TO 1.8 WATTS 16 pin SMD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANS Datasheet(HTML) 1 Page - Wall Industries,Inc.

  LANS Datasheet HTML 1Page - Wall Industries,Inc. LANS Datasheet HTML 2Page - Wall Industries,Inc. LANS Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.wallindustries.com
1
603 778 2300
• 16 pin SMD package
• 2000 Vrms isolation
• MTBF > 1 million hours
• short-circuit protection
• up to 75% efficiency
The LANS series offers the designer a 16-pin SMD
package for high speed production at an economi-
cal price. The 2000 Vrms isolation is appropriate
for medical and safety applications.
MODELS
2/18/04
DATA SHEET
LANS SERIES
TO 1.8 WATTS
MODEL NUMBER
INPUT VOLTAGE
(VDC)
OUTPUT VOLTAGE
(VDC)
OUTPUT CURRENT
(MA)
EFFICIENCY
LANS505NSMT
5
5
360
70%
LANS509NSMT
5
9
200
75%
LANS512NSMT
5
12
150
75%
LANS515NSMT
5
15
120
75%
LANS1205NSMT
12
5
360
70%
LANS1209NSMT
12
9
200
75%
LANS1212NSMT
12
12
150
75%
LANS1215NSMT
12
15
120
75%
SINGLE
1-Vin
2N/C
3+Vin
7+Vout
8-Vout
others
N/C
PIN CONNECTIONS


Similar Part No. - LANS

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
LAN-12M162-165P TAI-TECH-LAN-12M162-165P Datasheet
444Kb / 3P
LAN Transformer Module
LAN-12M162P7A8 TAI-TECH-LAN-12M162P7A8 Datasheet
444Kb / 3P
LAN Transformer Module
LAN-12M162P7B0 TAI-TECH-LAN-12M162P7B0 Datasheet
444Kb / 3P
LAN Transformer Module
LAN-12M162P7D8 TAI-TECH-LAN-12M162P7D8 Datasheet
444Kb / 3P
LAN Transformer Module
LAN-12M162S7A0 TAI-TECH-LAN-12M162S7A0 Datasheet
223Kb / 2P
LAN Transformer Module
More results

Similar Description - LANS

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
DA16 ASTEC-DA16 Datasheet
1Mb / 2P
16 Watts
logo
ACCUTEK MICROCIRCUIT CO...
AK16D-LLP4X4 ACCUTEK-AK16D-LLP4X4 Datasheet
227Kb / 6P
16 Pin to 24 Pin DIP Adapters
logo
Wall Industries,Inc.
LANF WALL-LANF Datasheet
126Kb / 3P
Up to 1.8 Watts DC/DC Converter Single and Dual Output
logo
Solid State Optronic
SAT1600 SSOUSA-SAT1600_15 Datasheet
470Kb / 9P
16 pin DIP/SMD package
logo
Pasternack Enterprises,...
PE8023 PASTERNACK-PE8023 Datasheet
707Kb / 3P
SMA PIN-PIN Limiter, 100 Watts Peak Power, 16 dBm Flat Leakage, 4 GHz to 8 GHz
logo
Wall Industries,Inc.
LANF WALL-LANF_18 Datasheet
383Kb / 5P
Up to 1.8 Watts DC/DC Converter Single and Dual Outputs
logo
E&E Magnetic Products L...
821-02090F EEMAGNETIC-821-02090F Datasheet
56Kb / 3P
TRANSFORMER, QUAD, SMD, 16 PIN
logo
HALO Electronics, Inc.
LD01-0506KRL HALO-LD01-0506KRL Datasheet
508Kb / 2P
16 Pin DIP and SMD Packages
LD01-0756L1RL HALO-LD01-0756L1RL Datasheet
509Kb / 2P
16 Pin DIP and SMD Package
LD11-0086FLF HALO-LD11-0086FLF Datasheet
355Kb / 2P
8 Pin DIL and 8 & 16 Pin SMD Packages
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com